Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 8Page - STMicroelectronics AN3203 Datasheet HTML 9Page - STMicroelectronics AN3203 Datasheet HTML 10Page - STMicroelectronics AN3203 Datasheet HTML 11Page - STMicroelectronics AN3203 Datasheet HTML 12Page - STMicroelectronics AN3203 Datasheet HTML 13Page - STMicroelectronics AN3203 Datasheet HTML 14Page - STMicroelectronics AN3203 Datasheet HTML 15Page - STMicroelectronics AN3203 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Asymmetrical half bridge operation
AN3203
12/49
Doc ID 17402 Rev 2
2
Asymmetrical half bridge operation
2.1
AHB typical waveforms
In Figure 6 the primary side key waveforms during steady-state operation with full load
applied are shown. Figure 7 shows the detail of the two transitions during one switching
cycle.
The AHB stage has been designed to operate at about 80 kHz with a nominal input voltage
of 400 V (PFC output bus). The transformer design is the result of a trade-off between the
half bridge MOSFETs zero voltage switching (ZVS) operation requirements, the primary rms
current, and duty cycle losses. In fact, ZVS can be achieved by reducing the magnetizing
inductance or increasing the leakage inductance. With the output power of this board, the
first solution implies having very high rms primary current which leads to high losses. The
second solution introduces the so called “duty cycle losses”. When the leakage inductance
is de-magnetizing, the voltages on the secondary side windings are zero and therefore the
output mean value is reduced with respect to the same half bridge duty cycle and negligible
leakage inductance. Duty cycle losses limit the hold-up capability of the power supply
because they increase the minimum input voltage that guarantees output regulation.
In this design the system works with ZVS for both MOSFETs at full load. Because of the
intrinsic asymmetry of the topology the behavior of the two switches is different. When the
load is reduced the low side MOSFET always operates in ZVS while the high side one starts
loosing ZVS. The high side MOSFET never turns on with full bus voltage applied between its
drain and source. As shown in Figure 8, even at 20 % of rated load the Vds at turn-on is
about 100 V, definitely lower compared with the 400 V of a hard switching solution.
This design can therefore meet both efficiency and dynamic requirements.
Figure 6.
AHB primary side key waveforms @ full load
Ch1: LVG pin voltage (yellow)
Ch3: HVG pin voltage (purple)
Ch4: Primary winding current (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com