Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 12Page - STMicroelectronics AN3203 Datasheet HTML 13Page - STMicroelectronics AN3203 Datasheet HTML 14Page - STMicroelectronics AN3203 Datasheet HTML 15Page - STMicroelectronics AN3203 Datasheet HTML 16Page - STMicroelectronics AN3203 Datasheet HTML 17Page - STMicroelectronics AN3203 Datasheet HTML 18Page - STMicroelectronics AN3203 Datasheet HTML 19Page - STMicroelectronics AN3203 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Asymmetrical half bridge operation
AN3203
16/49
Doc ID 17402 Rev 2
2.2
Short-circuit protection
In case of a short-circuit at the AHB output the overload protection (OLP) is activated.
Figure 10 shows the pins involved in this function. When the short-circuit is applied, the
COMP pin saturates high. The IC detects this condition and starts charging the SS
capacitor. When the SS voltage reaches 5 V the system is shut down, when it reaches 6.4 V
the IC is latched. The PFC controller is also stopped: when the L6591 activates the
protection, the PFC_STOP signal pulls the L6563S RUN pin down to below the 0.8V
threshold. The latch is kept thanks to the auxiliary stage that remains active and provides
the VCC voltage.
In order to restart the system it is necessary to recycle the L6591 VCC voltage between the
UVLO thresholds. This can be done by removing the PS_ON signal in the auxiliary stage.
Figure 10.
Short-circuit behavior detail
Ch1: SS pin voltage (yellow)
Ch2: COMP pin voltage (blue)
Ch3: FGND pin voltage, (purple)
Ch4: L6563S RUN pin voltage (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com