Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 13Page - STMicroelectronics AN3203 Datasheet HTML 14Page - STMicroelectronics AN3203 Datasheet HTML 15Page - STMicroelectronics AN3203 Datasheet HTML 16Page - STMicroelectronics AN3203 Datasheet HTML 17Page - STMicroelectronics AN3203 Datasheet HTML 18Page - STMicroelectronics AN3203 Datasheet HTML 19Page - STMicroelectronics AN3203 Datasheet HTML 20Page - STMicroelectronics AN3203 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
AN3203
Complete system
Doc ID 17402 Rev 2
17/49
3
Complete system
3.1
Overvoltage protection
Every output is protected against overvoltage. The +12 V, +5 V and +3.3 V are monitored on
the auxiliary power supply schematic page. They use three Zener diodes to fix the three
overvoltage thresholds. In case one of the three voltages exceeds its threshold the latch
realized with Q604 and Q605 is turned on and the VCC for the L6591 and L6563S is
removed.
The two outputs +5 V and +3.3 V also have an overvoltage protection integrated into the
L6727 controller.
The +5 V_SB output is protected using the OVP protection of the VIPer27H that senses its
output voltage through the auxiliary winding. A threshold on the CONT pin detects the OVP
condition and stops the IC operation. This protection has an auto-restart behavior.
3.2
Load transients
The following figures show the behavior of the outputs during load transients. Each image
shows the transition from 20 % to 100 % of rated current and vice versa for a single output
voltage. The current slope is 0.5 A/µs for all the current variations.
Figure 11.
Load transient on +12 V output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com