Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 3Page - STMicroelectronics AN4026 Datasheet HTML 4Page - STMicroelectronics AN4026 Datasheet HTML 5Page - STMicroelectronics AN4026 Datasheet HTML 6Page - STMicroelectronics AN4026 Datasheet HTML 7Page - STMicroelectronics AN4026 Datasheet HTML 8Page - STMicroelectronics AN4026 Datasheet HTML 9Page - STMicroelectronics AN4026 Datasheet HTML 10Page - STMicroelectronics AN4026 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
AN4026
Main characteristics and circuit description
Doc ID 022603 Rev 1
7/40
therefore at startup, if the input voltage is below 90 Vac (typ.), the circuit operation is
inhibited.
The L6699 has a similar protection monitoring the LLC input voltage on the LINE pin (#7). It
is used to prevent the resonant converter from working with too low input voltage that may
cause incorrect capacitive mode operation and the relevant protection intervention.
Therefore, if the bulk voltage (PFC output) is below 380 V (typ.), the resonant stage startup
is prevented. The L6699 LINE pin internal comparator has a current hysteresis, allowing to
set independently the turn-on and turn-off voltage. Turn-off threshold has been set to 300 V
(typ.) in order to avoid capacitive mode operation but allowing the resonant stage to operate
even in the case of a whole 20 ms mains cycle sag. Even with the consequent PFC output
drop the LLC converter is able to keep the output voltage regulated at the rated load.
1.3
Fast voltage feed-forward
Voltage on the L6563H VFF pin (#5) has the same value as the peak value of the voltage on
the MULT pin (#3) and it is generated by the RC network (R15 + R26, C12) connected to
VFF, completing an internal peak-holding circuit. This signal is necessary to derive
information from the RMS input voltage to compensate the loop gain that is mains voltage
dependent.
In general, if the VFF time constant is too small, the voltage generated is affected by a
considerable amount of ripple at twice the mains frequency. Because the VFF signal is fed
into the multiplier, the excessive ripple causes distortion of the current reference resulting in
high THD and poor PF. On the other hand, if the time constant is set too large, there is a
considerable delay in setting the right amount of feed-forward, resulting in excessive
overshoot or undershoot of the pre-regulator's output voltage in response to large line
voltage changes.
To overcome this issue, the L6563H implements the new fast voltage feed-forward function.
As soon as the voltage on the VFF pin decreases by a set threshold (40 mV typically), a
mains dip is assumed and an internal switch rapidly discharges the VFF capacitor via a 10
k
Ωresistor. Thanks to this feature it is possible to set an RC circuit with a long time constant,
assuring a low THD, but obtaining a fast response to mains voltage variations by the PFC.
1.4
Resonant power stage
The downstream converter implements the L6699, a double-ended controller specific to the
series-resonant half bridge topology, supporting both LLC and LCC configurations. It
provides 50% complementary duty cycle: the high-side switch and the low-side switch are
driven ON/OFF 180° out-of-phase for exactly the same time. Output voltage regulation is
obtained by modulating the operating frequency. The deadtime inserted between the turn-
off of one switch and the turn-on of the other is automatically adjusted to best fit the
transition times of the half bridge midpoint, allowing the improvement of efficiency thanks to
the transformer magnetizing inductance maximization and ensuring zero-voltage switching
in all LLC input voltage and output load conditions.
To drive the high-side switch with the bootstrap approach, the L6699 incorporates a high-
voltage floating structure able to withstand more than 600 V with an internal synchronous-
driven high-voltage DMOS replacing the external fast-recovery bootstrap diode to charge
the bootstrap capacitor powering the floating driver of the high-side MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com