Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 27Page - STMicroelectronics AN4026 Datasheet HTML 28Page - STMicroelectronics AN4026 Datasheet HTML 29Page - STMicroelectronics AN4026 Datasheet HTML 30Page - STMicroelectronics AN4026 Datasheet HTML 31Page - STMicroelectronics AN4026 Datasheet HTML 32Page - STMicroelectronics AN4026 Datasheet HTML 33Page - STMicroelectronics AN4026 Datasheet HTML 34Page - STMicroelectronics AN4026 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
AN4026
Bill of material
Doc ID 022603 Rev 1
31/40
D16
N.M.
Mini Melf SOD-80
High speed signal diode
D17
N.M.
Mini Melf SOD-80
Not mounted
D18
LL4148
Mini Melf SOD-80
High speed signal diode
Vishay
D19
LL4148
Mini Melf SOD-80
High speed signal diode
Vishay
D20
BZV55-C15
Mini Melf SOD-80
Zener diode
Vishay
D21
N.M.
Mini Melf SOD-80
Zener diode
D22
LL4148
Mini Melf SOD-80
Fast switching diode
Vishay
D23
STPS30H60CFP
TO-220FP
Power Schottky rectifier
STMicroelectronics
D24
STPS30H60CFP
TO-220FP
Power Schottky rectifier
STMicroelectronics
F1
Fuse T4A
8.5x4 p.5.08 mm
Fuse 4A - time lag - 3921400
LITTLEFUSE
HS1
Heatsink
DWG
Heatsink for D1, Q1, Q3, Q4
HS2
Heatsink
DWG
Heatsink for D23, D24
J1
MKDS 1,5/ 3-5,08
DWG
PCB term. block, screw conn., pitch 5
mm - 3 W.
PHOENIX
CONTACT
J2
MKDS 1,5/ 2-5,08
DWG
PCB term. block, screw conn., pitch 5
mm - 2 W.
PHOENIX
CONTACT
JPX1
Jumper
Wire
Bare copper wire jumper
JPX2
Jumper
Wire
Bare copper wire jumper
JPX3
Jumper
Wire
Bare copper wire jumper
L1
2019.0002
CM inductor 2x18mH 1.8A
MAGNETICA
L2
1974.0004
DWG
PFC inductor - 0.52 mH
MAGNETICA
L3
1071.0083
DWG
Inductor 1 µH - 5 A
MAGNETICA
Q1
STF12NM50N
TO-220FP
N-channel Power MOSFET
STMicroelectronics
Q2
BC857C
SOT-23
PNP small signal BJT
Vishay
Q3
STF8NM50N
TO-220FP
N-channel Power MOSFET
STMicroelectronics
Q4
STF8NM50N
TO-220FP
N-channel Power MOSFET
STMicroelectronics
Q5
BC847C
SOT-23
NPN small signal BJT
Vishay
Q6
BC847C
SOT-23
NPN small signal BJT
Vishay
Q7
N.M.
SOT-23
PNP small signal BJT - not used
Q9
BC847C
SOT-23
NPN small signal BJT
Vishay
Q10
N.M.
SOT-23
NPN small signal BJT
R1
3M3
1206
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
R2
3M3
1206
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
R3
1Meg
1206
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
R4
N.M.
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Table 4.
Bill of material (continued)
Des.
Part type/
part value
Case style
/package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com