Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 9Page - STMicroelectronics AN4026 Datasheet HTML 10Page - STMicroelectronics AN4026 Datasheet HTML 11Page - STMicroelectronics AN4026 Datasheet HTML 12Page - STMicroelectronics AN4026 Datasheet HTML 13Page - STMicroelectronics AN4026 Datasheet HTML 14Page - STMicroelectronics AN4026 Datasheet HTML 15Page - STMicroelectronics AN4026 Datasheet HTML 16Page - STMicroelectronics AN4026 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AN4026
Efficiency measurements
Doc ID 022603 Rev 1
13/40
2.1
Light load operation efficiency
Measurement results are reported inTable 2. As seen, efficiency is better than 50% even for
very light loads such as 500 mW, as requested by the ErP Lot 6 Tier2 regulation for
computers. Such a high light load efficiency makes the board able to meet also the
regulation ENERGY STAR version 5.0 program for computers.
Measurement procedure:
1.
Because the current flowing through the circuit under measurement is relatively small,
the current measurement circuit is connected to the demonstration board side and the
voltage measurement circuit is connected to the AC source side. In this way the current
absorbed by the voltage circuit is not considered in the measured consumption
amount.
2.
During any efficiency measurement, remove any oscilloscope probe from the board.
3.
For any measurement load, apply a warm-up time of 20 minutes by each different load.
Loads have been applied increasing the output power from minimum to maximum.
4.
Because of the input current shape during light load condition, the input power
measurement may be critical or unreliable using a power meter in the usual way. To
overcome the issue, all light measurements have been done by measuring the active
energy consumption of the demonstration board under test and then calculating the
power as the energy divided by the integration time. The integration time has been set
at 36 seconds, as a compromise between a reliable measurement and a reasonable
time measurement time. The energy is measured in mWh, the result in mW is then
simply calculated by dividing the instrument reading (in mWh) by 100. The instrument
used was the Yokogawa WT210 power meter.
Table 2.
Light load efficiency
Test
230 V-50 Hz
115 V-60 Hz
Vout [V]
Iout
[mA]
Pout [W]
Pin [W]
Eff.
[%]
Vout [V]
Iout
[mA]
Pout
[W]
Pin [W]
Eff. [%]
0.125 W
18.79
7.30
0.137
0.342
40.1%
18.79
7.30
0.137
0.335
40.9%
0.25 W
18.79
13.30
0.250
0.47
53.1%
18.79
13.30
0.250
0.470
53.2%
0.5 W
18.79
27.00
0.507
0.760
66.8%
18.79
26.80
0.504
0.776
64.9%
1.0 W
18.79
54.00
1.015
1.335
76.0%
18.79
54.00
1.015
1.378
73.6%
1.5 W
18.79
79.50
1.494
1.876
79.6%
18.79
79.50
1.494
1.954
76.4%
2.0 W
18.79
106.50
2.001
2.446
81.8%
18.79
106.50
2.001
2.556
78.3%
2.5 W
18.79
133.30
2.505
3.030
82.7%
18.79
133.30
2.505
3.148
79.6%
3.0 W
18.79
106.50
3.016
3.598
83.8%
18.79
106.50
3.016
3.734
80.8%
3.5 W
18.79
186.00
3.495
4.138
84.5%
18.79
186.00
3.495
4.283
81.6%
4.0 W
18.79
213.00
4.002
4.708
85.0%
18.79
213.00
4.002
4.860
82.4%
4.5 W
18.79
240.00
4.510
5.269
85.6%
18.79
240.00
4.510
5.430
83.0%
5.0 W
18.79
267.10
5.019
5.832
86.1%
18.79
267.10
5.019
6.007
83.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com