Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 25Page - STMicroelectronics AN4026 Datasheet HTML 26Page - STMicroelectronics AN4026 Datasheet HTML 27Page - STMicroelectronics AN4026 Datasheet HTML 28Page - STMicroelectronics AN4026 Datasheet HTML 29Page - STMicroelectronics AN4026 Datasheet HTML 30Page - STMicroelectronics AN4026 Datasheet HTML 31Page - STMicroelectronics AN4026 Datasheet HTML 32Page - STMicroelectronics AN4026 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AN4026
Bill of material
Doc ID 022603 Rev 1
29/40
7
Bill of material
Table 4.
Bill of material
Des.
Part type/
part value
Case style
/package
Description
Supplier
C1
470 nF
9.0 × 18.0 p.15 mm
X2 - MKP FILM CAP - B32922C3474K
EPCOS
C2
2n2F
DWG
Y1 CAP. CD12-E2GA222MYGSA
TDK-EPC
C3
2n2F
DWG
Y1 CAP. CD12-E2GA222MYGSA
TDK-EPC
C4
470 nF
9.0 × 18.0 p.15 mm
X2 - MKP FILM CAP - B32922C3474K
EPCOS
C5
470 nF
7.0 x 16.0 p. 22.5
mm
400 V - FILM CAP - B32673Z5474
EPCOS
C6
N.M.
0805
50 V CERCAP - general purpose
C7
100 nF
PTH
100 V CERCAP - general purpose
AVX
C8
47
μF
Dia. 6.3x11 mm
50 V aluminium ELCAP - YXF series -
105 °C
Rubycon
C9
68
μFDia. 18x32 mm
450 V aluminium ELCAP - KXG series -
105 °C
UNITED
CHEMICON
C10
1 nF
0805
50 V CERCAP - general purpose
AVX
C11
2n2F
0805
50 V CERCAP - general purpose
AVX
C12
1
μF
0805
25 V CERCAP - general purpose
AVX
C13
680 nF
1206
25 V CERCAP - general purpose
AVX
C14
68 nF
0805
50 V CERCAP - general purpose
AVX
C15
47
μF
Dia. 6.3x11 mm
50 V aluminium ELCAP - YXF series -
105 °C
Rubycon
C16
2n2F
1206
50 V CERCAP - general purpose
AVX
C17
220 pF
0805
50 V - 5% - C0G - CERCAP
AVX
C18
2.2
μF
1206
6.3 V CERCAP - general purpose
AVX
C19
100 nF
1206
50 V CERCAP - general purpose
AVX
C20
2n2F
DWG
Y2 CAP. CS11-E2GA222MYGSA
TDK-EPC
C21
2n2F
DWG
Y2 CAP. CS11-E2GA222MYGSA
TDK-EPC
C22
220 pF
0805
50 V CERCAP - general purpose
AVX
C23
10 nF
0805
50 V CERCAP - general purpose
AVX
C24
100
μF
Dia.10x12.5 mm
50 V aluminium ELCAP - YXF series -
105 °C
Rubycon
C25
470 pF
0805
50 V CERCAP - general purpose
AVX
C26
10
μF
Dia.6.3x11 mm
50 V aluminium ELCAP - YXF series -
105 °C
Rubycon
C27
220 pF
5x3 mm
500 V CERCAP - 5MQ221KAAAA
AVX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com