Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 13Page - STMicroelectronics AN4026 Datasheet HTML 14Page - STMicroelectronics AN4026 Datasheet HTML 15Page - STMicroelectronics AN4026 Datasheet HTML 16Page - STMicroelectronics AN4026 Datasheet HTML 17Page - STMicroelectronics AN4026 Datasheet HTML 18Page - STMicroelectronics AN4026 Datasheet HTML 19Page - STMicroelectronics AN4026 Datasheet HTML 20Page - STMicroelectronics AN4026 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AN4026
Functional check
Doc ID 022603 Rev 1
17/40
4
Functional check
The following figures show the waveforms relevant to the resonant stage during steady-state
operation. The working frequency during steady-state operation at rated load is about 100
kHz, in order to have a good trade-off between transformer losses and dimensions. The
converter operates above the resonance frequency. Figure 9 shows the HB voltage and
resonant tank current with both the half bridge driving signals.
In Figure 10 the rectifiers reverse working voltages are captured: the good margin can be
noted compared with the BV rectifiers, ensuring reliable, long term operation.
A peculiarity of the L6699 is the self-adaptive deadtime, modulated by the internal logic
according to the half bridge node transition time. Figure 11 and Figure 12 show the
waveforms during full load operation. It is possible to note the measurement of the edges
and the relevant deadtime. It can be seen that both MOSFETs are turned on when resonant
current is flowing through their body diodes and drain-source voltage is zero, therefore
achieving the MOSFETs zero voltage switching (ZVS) operation at turn-on.
Figure 9.
Resonant stage waveforms at 115 V
- 60 Hz - full load
Figure 10.
Rectifier waveforms at 115 V - 50 Hz
- full load
CH1: HB voltage
CH3: HVG
CH2: LVG
CH4: res. tank current
CH1: HB voltage
CH3: LV FET gate
CH2: HV FET gate
CH4: res. tank current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com