Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 15Page - STMicroelectronics AN4026 Datasheet HTML 16Page - STMicroelectronics AN4026 Datasheet HTML 17Page - STMicroelectronics AN4026 Datasheet HTML 18Page - STMicroelectronics AN4026 Datasheet HTML 19Page - STMicroelectronics AN4026 Datasheet HTML 20Page - STMicroelectronics AN4026 Datasheet HTML 21Page - STMicroelectronics AN4026 Datasheet HTML 22Page - STMicroelectronics AN4026 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AN4026
Functional check
Doc ID 022603 Rev 1
19/40
The LINE pin (#7) has been dimensioned to start up the L6699 once the PFC output voltage
has reached the rated value, in order to have correct converter sequencing, with PFC
starting first and LLC starting later in order to optimize the design of the LLC converter and
prevent capacitive mode operation that may occur because of operation at too low input
voltage.
The DELAY pin (#2) is zero, as it must be, during normal operation because it works during
the overcurrent protection operation. The DIS pin (#8) is used for open loop protection and
therefore, even in this case, its voltage is at ground level.
In Figure 16 the pin voltages relevant to the control part of the L6699 are reported: the
RFmin pin (#4) is the 2 V (typ.) reference voltage of the oscillator, the switching frequency is
proportional to the current flowing out from the pin. The CSS pin (#1) voltage is the same
value as pin #4 because it is connected to the latter via a resistor (R44), determining the
soft-start frequency. A capacitor (C18) is also connected between the CSS pin and ground
to set the soft-start time. At the beginning of L6699 operation the voltage on the CSS pin is
at ground level because C18 is discharged, the CSS pin (#1) voltage then increases
according to the time constant till the RFmin voltage level is reached. The STBY pin (#5)
senses the optocoupler voltage, once the voltage decreases to 1.25 V both gate drivers stop
switching and the circuit works in burst mode. The CF pin (#3) is the controller oscillator; its
ramp speed is proportional to the current flowing out from the RFmin pin (#4). The CF signal
must be clean and undistorted to obtain correct symmetry by the half bridge current,
therefore, care must be taken in the layout of the PCB.
4.1
Burst mode operation
In Figure 17 some burst mode pulses are captured during a 250 mW load operation. Note
that the burst pulses are very narrow and their period is quite long, therefore the resulting
equivalent switching frequency is very low, ensuring high efficiency. The resulting output
voltage ripple during burst mode operation is about 58 mV peak-to-peak.
In Figure 18 the detail of the burst is reported: note that the first initial pulse is shorter than
the following ones, avoiding the typical high current peak at half bridge operation restart due
to the recharging of the resonant capacitor. It is also possible to note that the maximum
Figure 15.
L6699 pin signals-1
Figure 16.
L6699 pin signals-2
CH1: DIS
CH3: DELAY
CH2: LINE
CH4: ISEN
CH1: RFmin
CH3: CSS
CH2: STBY
CH4: CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com