Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4026 Datasheet HTML 1Page - STMicroelectronics AN4026 Datasheet HTML 2Page - STMicroelectronics AN4026 Datasheet HTML 3Page - STMicroelectronics AN4026 Datasheet HTML 4Page - STMicroelectronics AN4026 Datasheet HTML 5Page - STMicroelectronics AN4026 Datasheet HTML 6Page - STMicroelectronics AN4026 Datasheet HTML 7Page - STMicroelectronics AN4026 Datasheet HTML 8Page - STMicroelectronics AN4026 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AN4026
List of figures
Doc ID 022603 Rev 1
5/40
List of figures
Figure 1.
EVL6699-90WADP: 90 W adapter demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 3.
Efficiency vs. output power diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 4.
Light load efficiency diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 5.
Compliance to EN61000-3-2 at 230 Vac - 50 Hz, full load . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 6.
Compliance to JEITA-MITI at 100 Vac - 60 Hz, full load. . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 7.
Mains voltage and current waveforms at 230 V - 50 Hz - full load . . . . . . . . . . . . . . . . . . . 16
Figure 8.
Mains voltage and current waveforms at 100 V - 60 Hz - full load . . . . . . . . . . . . . . . . . . . 16
Figure 9.
Resonant stage waveforms at 115 V - 60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 10.
Rectifier waveforms at 115 V - 50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 11.
HB transition at full load - rising edge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 12.
HB transition at full load - falling edge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 13.
HB transition at 0.25 A - rising edge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 14.
HB transition at 0.25 A - falling edge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 15.
L6699 pin signals-1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 16.
L6699 pin signals-2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 17.
Pout = 250 mW operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 18.
Pout = 250 mW operation - detail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 19.
Startup at 90 Vac - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 20.
Startup at 265 Vac - no load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 21.
Startup at full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 22.
Startup at full load - detail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 23.
Short-circuit at full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 24.
Short-circuit at full load - detail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 25.
Short-circuit - hiccup mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 26.
Thermal map at 115 Vac - 60 Hz - full load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 27.
Thermal map at 230 Vac - 50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 28.
CE peak measurement at 115 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 29.
CE average measurement at 230 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 30.
PFC coil electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 31.
PFC coil mechanical aspect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 32.
Transformer electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 33.
Transformer overall drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com