Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 14Page - STMicroelectronics AN4026 Datasheet HTML 15Page - STMicroelectronics AN4026 Datasheet HTML 16Page - STMicroelectronics AN4026 Datasheet HTML 17Page - STMicroelectronics AN4026 Datasheet HTML 18Page - STMicroelectronics AN4026 Datasheet HTML 19Page - STMicroelectronics AN4026 Datasheet HTML 20Page - STMicroelectronics AN4026 Datasheet HTML 21Page - STMicroelectronics AN4026 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Functional check
AN4026
18/40
Doc ID 022603 Rev 1
In Figure 13 and Figure 14 the same images are captured during light load operation: note
that the half bridge transition is slower because of the lower switched current. In this case
the L6699 increases the deadtime maintaining the correct zero voltage switching operation
of the circuit. This feature allows the maximization of the transformer magnetizing
inductance, therefore obtaining good light load efficiency and also keeping correct operation
by the HB.
In Figure 15 some signals at the L6699 pins are measured. Note that the signal on pin ISEN
(#6) matches the instantaneous current flowing in the transformer primary side. Contrary to
the former resonant controllers such as the L6599A and others, requiring an integration of
current signal, the L6699 integrates the anti-capacitive mode protection it needs by sensing
the instantaneous value of the current, in order to check the phase between the voltage and
current. For the same reason, the time constant of the typical RC filter placed between the
sensing resistor and the IC pin must be maximum in the range of 200/250 ns. A significant
higher value would affect the correct anti-capacitive mode protection because of the phase
lag of current signal fed into the L6699.
Figure 11.
HB transition at full load - rising
edge
Figure 12.
HB transition at full load - falling
edge
CH1: HB voltage
CH3: HVG
CH2: LVG
CH4: res. tank current
CH1: HB voltage
CH3: HVG
CH2: LVG
CH4: res. tank current
Figure 13.
HB transition at 0.25 A - rising edge Figure 14.
HB transition at 0.25 A - falling edge
CH1: HB voltage
CH3: HVG
CH2: LVG
CH4: res. tank current
CH1: HB voltage
CH3: HVG
CH2: LVG
CH4: res. tank current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com