Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 19Page - STMicroelectronics AN4026 Datasheet HTML 20Page - STMicroelectronics AN4026 Datasheet HTML 21Page - STMicroelectronics AN4026 Datasheet HTML 22Page - STMicroelectronics AN4026 Datasheet HTML 23Page - STMicroelectronics AN4026 Datasheet HTML 24Page - STMicroelectronics AN4026 Datasheet HTML 25Page - STMicroelectronics AN4026 Datasheet HTML 26Page - STMicroelectronics AN4026 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AN4026
Functional check
Doc ID 022603 Rev 1
23/40
4.4
Anti-capacitive mode protection
The EVL6699-90WADP demonstration board has been designed in such a way that the
system does not work in capacitive mode during normal operation or failure conditions, as
seen in Figure 24, even in dead short condition the LLC operates correctly in the inductive
region, the same correct operation occurs during load and input voltage transients.
Normally, the resonant half bridge converter operates with the resonant tank current lagging
behind the square-wave voltage applied by the half bridge leg, like a circuit having a
reactance of an inductive nature. In this way the applied voltage and the resonant current
have the same sign at every transition of the half bridge, which is a necessary condition in
order for soft-switching to occur (zero-voltage switching, ZVS at turn-on for both MOSFETs).
Therefore, should the phase relationship reverse, i.e. the resonant tank current leading the
applied voltage, like in circuits having a capacitive reactance, soft-switching would be lost.
This is termed capacitive-mode operation and must be avoided because of its significant
drawbacks.
Both MOSFETs feature hard-switching at turn-on, like in conventional PWM-controlled
converters (see Figure 14). The associated capacitive losses may be considerably higher
than the total power normally dissipated under “soft-switching” conditions and this may
easily lead to their overheating, since heatsinking is not usually sized to handle this
abnormal condition.
The body diode of the MOSFET just switched off conducts current during the deadtime and
its voltage is abruptly reversed by the other MOSFET turned on (Figure 14). Therefore, the
conducting body diode (which does not generally have great reverse recovery
characteristics) keeps its low impedance until it recovers, therefore originating a condition
equivalent to a shoot-through of the half bridge leg. This is a potentially destructive condition
and causes additional power dissipation due to the current and voltage of the conducting
body diode simultaneously high during part of its recovery.
There is an extremely high reverse dv/dt (many tens of V/ns!) experienced by the conducting
body diode at the end of its recovery with the other MOSFET turned on. This dv/dt may
exceed the rating of the MOSFET and lead to an immediate failure because of the second
Figure 25.
Short-circuit - hiccup mode
CH1: HB voltage
CH3: CSS
CH2: LVG
CH4: DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com