Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 32Page - STMicroelectronics AN4026 Datasheet HTML 33Page - STMicroelectronics AN4026 Datasheet HTML 34Page - STMicroelectronics AN4026 Datasheet HTML 35Page - STMicroelectronics AN4026 Datasheet HTML 36Page - STMicroelectronics AN4026 Datasheet HTML 37Page - STMicroelectronics AN4026 Datasheet HTML 38Page - STMicroelectronics AN4026 Datasheet HTML 39Page - STMicroelectronics AN4026 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
AN4026
Transformer specifications
Doc ID 022603 Rev 1
37/40
9
Transformer specifications
9.1
General description and characteristics
●
Application type: consumer, home appliance
●
Transformer type: open
●
Coil former: horizontal type, 7+7 pins, two slots
●
Max. temperature rise: 45 ºC
●
Max. operating ambient temperature: 60 ºC
●
Mains insulation: acc. to EN60065.
9.2
Electrical characteristics
●
Converter topology: half bridge, resonant
●
Core type: ETD34-PC44 or equivalent
●
Min. operating frequency: 60 kHz
●
Typical operating frequency: 90 kHz
●
Primary inductance: 2.00 mH ± 10% at 1 kHz - 0.25 V(b)
●
Leakage inductance: 300 µH at 100 kHz - 0.25 V(c).
9.3
Electrical diagram and winding characteristics
Figure 32.
Transformer electrical diagram
b.
Measured between pins 2-4.
c.
Measured between pins 2-4 with only one secondary winding shorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com