Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 5Page - STMicroelectronics AN4026 Datasheet HTML 6Page - STMicroelectronics AN4026 Datasheet HTML 7Page - STMicroelectronics AN4026 Datasheet HTML 8Page - STMicroelectronics AN4026 Datasheet HTML 9Page - STMicroelectronics AN4026 Datasheet HTML 10Page - STMicroelectronics AN4026 Datasheet HTML 11Page - STMicroelectronics AN4026 Datasheet HTML 12Page - STMicroelectronics AN4026 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AN4026
Main characteristics and circuit description
Doc ID 022603 Rev 1
9/40
stops switching and the internal generator is turned off, so that the voltage on the pin decays
because of the external resistor. The IC is soft-restarted as the voltage drops below 0.3 V. In
this way, under short-circuit conditions, the converter works intermittently with very low input
average power.
Please note that some preliminary demonstration boards use the PCB of the EVL6599A-
90WADP reworked for L6699. On these boards the silk screens report the original reference
designators for D10 and D11 but have mounted on those positions two resistors in place of
the diodes. The name of the boards reported on the PCB silkscreen top side is “90 W
adapter with L6563H and L6599A Rev. 1.0”.
More recent demonstration boards have updated the reference designators and the
silkscreen of D10 and D11 has been updated to R63 and R64 respectively. The name of
these more recent boards reported on the PCB top side is “90 W adapter with L6563H and
L6699 Rev. 1.0”. There is no circuit difference between the two boards.
1.7
Overvoltage and open loop protection
Both circuit stages, PFC and resonant, are equipped with their own overvoltage protection.
The L6563H controller monitors the PFC output voltage via the resistor divider connected to
a dedicated pin (PFC_OK, #7) protecting the circuit in the case of loop failures or
disconnection of the feedback loop divider connected to the INV pin (#1). If a fault condition
is detected, the PFC_OK circuitry latches the L6563H operations and, by means of the
PWM_LATCH pin (#8), it latches the L6699 too, via its DIS pin (#8). The converter is kept
latched by the L6563H HV circuit, which supplies the IC by charging the VCC capacitor
periodically. To resume converter operation, a mains restart is necessary.
The LLC open loop protection is guarantee by the Zener D8 sensing the voltage from the
transformer T1 auxiliary winding. In case of open loop the Zener stops the operation by
triggering the DIS pin (#8) of the L6699.
1.8
Light load operation
The board implements a burst mode function allowing a significant power saving during light
or no-load operation.
The L6699 STBY pin (#5) senses the optocoupler's collector voltage that is related to the
feedback control and is proportional to the output load. This signal is compared to an
internal reference (1.24 V); if the load decreases and the voltage on the STBY pin becomes
lower than the reference, the IC enters an idle state and its quiescent current is reduced.
Once the voltage exceeds the reference by 30 mV, the controller restarts switching. Burst
mode operation load threshold is programmed by properly choosing the resistor connecting
the optocoupler to pin RFmin (R34).
As already mentioned, the deadtime inserted between the two gate driver signals is
automatically adjusted to best fit the transition times of the half bridge midpoint, improving
the efficiency thanks to the transformer magnetizing inductance maximization. In detail,
increasing the transformer magnetizing inductance minimizes the magnetizing current,
providing a conduction loss decrease because of the lower total RMS current flowing into
the transformer primary side and half bridge MOSFETs. Because of the low current value at
MOSFET turn-off, a longer transition time of the half bridge is observed, for this reason the
deadtime takes longer in order to ensure the correct zero voltage switching operation by the
MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com