Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 28Page - STMicroelectronics AN4026 Datasheet HTML 29Page - STMicroelectronics AN4026 Datasheet HTML 30Page - STMicroelectronics AN4026 Datasheet HTML 31Page - STMicroelectronics AN4026 Datasheet HTML 32Page - STMicroelectronics AN4026 Datasheet HTML 33Page - STMicroelectronics AN4026 Datasheet HTML 34Page - STMicroelectronics AN4026 Datasheet HTML 35Page - STMicroelectronics AN4026 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Bill of material
AN4026
32/40
Doc ID 022603 Rev 1
R5
10R
1206
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
R6
NTC 2R5-S237
DWG
NTC resistor p/n B57237S0259M000
EPCOS
R7
1Meg
1206
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
R8
1Meg
1206
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
R9
62K
0805
SMD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
R10
27K
0805
SMD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
R11
2M2
1206
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
R12
2M2
1206
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
R13
8K2
1206
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
R14
51K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R15
56K
1206
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
R16
N.M.
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
R17
2M2
1206
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
R18
82K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R19
56K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R20
10K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R21
39R
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R22
0R47
PTH
SFR25 axial stand. film res. - 0.4 W -
5% - 250 ppm/°C
Vishay
R23
0R68
PTH
SFR25 axial stand. film res. - 0.4 W -
5% - 250 ppm/°C
Vishay
R24
1Meg
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R25
56R
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R26
1Meg
0805
SMD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
R27
470R
1206
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
R28
33K
0805
SMD film res.- 1/8 W - 1% - 100 ppm/°C
Vishay
R29
1K0
1206
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
R30
10R
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R31
33K
0805
SMD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
R32
470R
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R33
N.M.
0805
Not mounted
R34
8K2
1206
SMD film res. - 1/4 W - 1% - 100 ppm/°C
Vishay
R35
180K
0805
SMD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
R36
N.M.
0805
Not mounted
R37
220K
1206
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
Table 4.
Bill of material (continued)
Des.
Part type/
part value
Case style
/package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com