Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 29Page - STMicroelectronics AN4026 Datasheet HTML 30Page - STMicroelectronics AN4026 Datasheet HTML 31Page - STMicroelectronics AN4026 Datasheet HTML 32Page - STMicroelectronics AN4026 Datasheet HTML 33Page - STMicroelectronics AN4026 Datasheet HTML 34Page - STMicroelectronics AN4026 Datasheet HTML 35Page - STMicroelectronics AN4026 Datasheet HTML 36Page - STMicroelectronics AN4026 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
AN4026
Bill of material
Doc ID 022603 Rev 1
33/40
R38
56R
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R39
N.M.
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
R40
0R0
1206
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
R41
Jumper
WIRE
Shorted by wire
R42
12K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R43
10R
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R44
15K
1206
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
R45
N.M.
0805
Not mounted
R46
100K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R47
1K5
0805
SMD film res.- 1/8 W - 5% - 250 ppm/°C
Vishay
R48
180K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R49
39K
0805
SMD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
R50
6K2
0805
SMD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
R51
120K
0805
SMD film res. - 1/8 W - 1% - 100 ppm/°C
Vishay
R52
12K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R53
2K2
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R54
0R0
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R55
2K7
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R56
18K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R57
47R
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R58
100K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R59
100K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R60
10K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R61
N.M.
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
R62
4K7
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R65
120K
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
R66
2K2
1206
SMD film res. - 1/4 W - 5% - 250 ppm/°C
Vishay
R67
N.M.
0805
Not mounted
R68
N.M.
1206
Not mounted
R69
4K7
0805
SMD film res. - 1/8 W - 5% - 250 ppm/°C
Vishay
T1
1860.0076
DWG - ETD34
Resonant power transformer
MAGNETICA
U1
L6563H
SO-16
High-voltage startup TM PFC controller
STMicroelectronics
U2
L6699D
SO-16
Improved HV resonant controller
STMicroelectronics
U3
SFH617A-4
DIP-4 - 10.16 mm
Optocoupler
INFINEON
Table 4.
Bill of material (continued)
Des.
Part type/
part value
Case style
/package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com