Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 26Page - STMicroelectronics AN4026 Datasheet HTML 27Page - STMicroelectronics AN4026 Datasheet HTML 28Page - STMicroelectronics AN4026 Datasheet HTML 29Page - STMicroelectronics AN4026 Datasheet HTML 30Page - STMicroelectronics AN4026 Datasheet HTML 31Page - STMicroelectronics AN4026 Datasheet HTML 32Page - STMicroelectronics AN4026 Datasheet HTML 33Page - STMicroelectronics AN4026 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Bill of material
AN4026
30/40
Doc ID 022603 Rev 1
C28
15 nF
5x18 p.15 mm
1000 V - MKP film cap -
B32652A0153K000
EPCOS
C29
470
μF
Dia.10x20 mm
35 V aluminium ELCAP - ZL series -
105 °C
Rubycon
C30
470
μF
Dia.10x20 mm
35 V aluminium ELCAP - ZL series -
105 °C
Rubycon
C31
100
μF
Dia. 8x11 mm
35 V aluminium ELCAP - YXF series -
105 °C
Rubycon
C32
100 nF
0805
50 V CERCAP - general purpose
AVX
C33
1N0
0805
50 V - 5% - C0G - CERCAP
AVX
C34
470 nF
0805
25 V CERCAP - general purpose
AVX
C36
N.M.
Dia. 6.3x11 mm
Not mounted
C37
100 nF
0805
50 V CERCAP - general purpose
AVX
C39
100 nF
0805
50 V CERCAP - general purpose
AVX
C40
100 nF
1206
50 V CERCAP - general purpose
AVX
C43
4n7F
1206
50 V CERCAP - general purpose
AVX
C44
10 nF
1206
50 V CERCAP - general purpose
AVX
C45
220 nF
0805
25 V CERCAP - general purpose
AVX
C46
N.M.
0805
Not mounted
D1
GBU8J
STYLE GBU
Single-phase bridge rectifier
Vishay
D2
LL4148
Mini Melf SOD-80
High speed signal diode
Vishay
D3
1N4005
DO-41 DO - 41
General purpose rectifier
Vishay
D4
STTH2L06
DO-41
Ultrafast high-voltage rectifier
STMicroelectronics
D5
LL4148
Mini Melf SOD-80
High speed signal diode
Vishay
D6
LL4148
Mini Melf SOD-80
High speed signal diode
Vishay
D7
BAT48Z
SOD-123
Small signal Schottky diode
STMicroelectronics
D8
BZV55-B24
Mini Melf SOD-80
Zener diode
Vishay
D9
STPS1L60A
SMA
Power Schottky rectifier
STMicroelectronics
D10
(R63)
470R
1206
SMD film res. - 1/4 W - 5% - 250 ppm/°C
- [1]
Vishay
D11
(R64)
39R
1206
SMD film res. - 1/4 W - 5% - 250 ppm/°C
- [1]
Vishay
D12
N.M.
Mini Melf SOD-80
Not mounted
D13
N.M.
Mini Melf SOD-80
Not mounted
D14
N.M.
Mini Melf SOD-80
Not mounted
D15
BZV55-C15
Mini Melf SOD-80
Zener diode
Vishay
Table 4.
Bill of material (continued)
Des.
Part type/
part value
Case style
/package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com