Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 21Page - STMicroelectronics AN4026 Datasheet HTML 22Page - STMicroelectronics AN4026 Datasheet HTML 23Page - STMicroelectronics AN4026 Datasheet HTML 24Page - STMicroelectronics AN4026 Datasheet HTML 25Page - STMicroelectronics AN4026 Datasheet HTML 26Page - STMicroelectronics AN4026 Datasheet HTML 27Page - STMicroelectronics AN4026 Datasheet HTML 28Page - STMicroelectronics AN4026 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AN4026
Thermal map
Doc ID 022603 Rev 1
25/40
5
Thermal map
In order to check the design reliability, a thermal mapping by means of an IR camera was
carried out. In Figure 26 and 27 the thermal measurements of the board, component side, at
nominal input voltage are shown. Some pointers visible on the images have been placed
across key components or showing high temperature. The ambient temperature during both
measurements was 27 °C. All components are working within their operating temperature
range with margin.
Figure 26.
Thermal map at 115 Vac - 60 Hz - full load.
Figure 27.
Thermal map at 230 Vac - 50 Hz - full load
Table 3.
Thermal map reference points
Point
Reference
Description
A
L1
EMI filtering inductor
B
D1
Bridge rectifier
C
L2
PFC inductor – hottest point
D
D4
PFC output diode
E
Q1
PFC MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com