Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 17Page - STMicroelectronics AN4026 Datasheet HTML 18Page - STMicroelectronics AN4026 Datasheet HTML 19Page - STMicroelectronics AN4026 Datasheet HTML 20Page - STMicroelectronics AN4026 Datasheet HTML 21Page - STMicroelectronics AN4026 Datasheet HTML 22Page - STMicroelectronics AN4026 Datasheet HTML 23Page - STMicroelectronics AN4026 Datasheet HTML 24Page - STMicroelectronics AN4026 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AN4026
Functional check
Doc ID 022603 Rev 1
21/40
cycles. In the L6699, a new startup procedure, called “safe-start”, has been implemented to
prevent loss of soft-switching during the initial switching cycles, which is typically not
guaranteed by the usual soft-start procedure. At startup, the voltage across Cr is often quite
different from Vin/2, as during the normal steady-state operation, so it takes some time for
its DC component to reach the steady-state value Vin/2. During this transient, the
transformer is not driven symmetrically and, then, there is a significant V·s imbalance in two
consecutive half-cycles. If this imbalance is large, there is a significant difference in the up
and down slopes of the tank current and, in a typical controller working with fixed 50% duty
cycle, with the duration of the two half-cycles being the same, the current may not reverse in
a switching half-cycle. Therefore, one MOSFET can be turned on while the body diode of
the other is conducting and this may happen for a few cycles. To prevent this, the L6699 is
provided with a proprietary circuit that modifies the normal operation of the oscillator during
the initial switching cycles, so that the initial V·s unbalance is nearly eliminated. Its operation
is such that current reversal in every switching half-cycle and, then, soft-switching is
ensured. In Figure 22 it is possible to note that at the beginning of operation the duty cycle
of the half bridge is initially considerably less than 50%, the tank current has lower peak
values and changes sign every half-cycle, while the DC voltage across the resonant
capacitor reaches the steady-state. The device goes to normal operation after
approximately 50 µs from the first switching cycle. This transition is nearly seamless and just
a small perturbation of the tank current can be observed.
4.3
Overcurrent and short-circuit protection
The L6699 is equipped with a current sensing input (pin #6, ISEN) and a dedicated
overcurrent management system. The current flowing in the resonant tank is detected and
the signal is fed into the ISEN pin. It is internally connected to a first comparator, referenced
to 0.8 V, and to a second comparator referenced to 1.5 V. If the voltage externally applied to
the pin exceeds 0.8 V, the first comparator is tripped causing an internal switch to be turned
on and to discharge the soft-start capacitor CSS.
Under output short-circuit, this operation results in a nearly constant peak primary current.
With the L6699, the user can program externally the maximum time that the converter is
allowed to run overloaded or under short-circuit conditions. Overloads or short-circuits
Figure 21.
Startup at full load
Figure 22.
Startup at full load - detail
CH1: HB voltage
CH3: CSS
CH2: LVG
CH4: ISEN
CH1: HB voltage
CH3: CSS
CH2: LVG
CH4: ISEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com