Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 8Page - STMicroelectronics AN4026 Datasheet HTML 9Page - STMicroelectronics AN4026 Datasheet HTML 10Page - STMicroelectronics AN4026 Datasheet HTML 11Page - STMicroelectronics AN4026 Datasheet HTML 12Page - STMicroelectronics AN4026 Datasheet HTML 13Page - STMicroelectronics AN4026 Datasheet HTML 14Page - STMicroelectronics AN4026 Datasheet HTML 15Page - STMicroelectronics AN4026 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Efficiency measurements
AN4026
12/40
Doc ID 022603 Rev 1
2
Efficiency measurements
Table 1 shows the no load consumption and the overall efficiency, measured at the nominal
mains voltages. At 115 Vac the average efficiency is 89.8%, while at 230 Vac it is 91.5%.
Both values are significantly higher than the minimum required by EPA rev2.0 external
power supply limits (87%).
Measurements are also reported in Figure 3 for reference.
Even at no load the board performance is superior: maximum no load consumption at
nominal mains voltage is less than 200 mW; also this value is significantly lower than the
limit imposed by the ENERGY STAR program, which is 500 mW, and it can meet more
stringent requirements.
Figure 3.
Efficiency vs. output power diagram
Table 1.
Overall efficiency
Test
230 V-50 Hz
115 V-60 Hz
Vout
[V]
Iout
[A]
Pout
[W]
Pin
[W]
Eff.
[%]
Vout
[V]
Iout
[A]
Pout
[W]
Pin
[W]
Eff.
[%]
100% load eff. 18.75
4.74
88.88
96.70
91.9%
18.75
4.74
88.88
98.90
89.9%
75% load eff.
18.76
3.60
67.54
73.38
92.0%
18.76
3.60
67.54
74.82
90.3%
50% load eff.
18.77
2.40
45.05
49.32 91.34% 18.77
2.40
45.05
49.95
90.2%
25% load eff.
18.79
1.20
22.55
24.86 90.70% 18.78
1.20
22.54
25.39
88.8%
No load
18.98
0.00
0.00
0.186
18.78
0
0
0.162
Average eff.
91.5%
89.8%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com