Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 31Page - STMicroelectronics AN4026 Datasheet HTML 32Page - STMicroelectronics AN4026 Datasheet HTML 33Page - STMicroelectronics AN4026 Datasheet HTML 34Page - STMicroelectronics AN4026 Datasheet HTML 35Page - STMicroelectronics AN4026 Datasheet HTML 36Page - STMicroelectronics AN4026 Datasheet HTML 37Page - STMicroelectronics AN4026 Datasheet HTML 38Page - STMicroelectronics AN4026 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AN4026
PFC coil specifications
Doc ID 022603 Rev 1
35/40
8
PFC coil specifications
8.1
General description and characteristics
●
Application type: consumer, home appliance
●
Transformer type: open
●
Coil former: vertical type, 6+6 pins
●
Max. temperature rise: 45 ºC
●
Max. operating ambient temperature: 60 ºC
●
Mains insulation: n.a.
●
Unit finishing: varnished.
8.2
Electrical characteristics
●
Converter topology: boost, transition mode
●
Core type: PQ26/20-PC44 or equivalent
●
Min. operating frequency: 40 kHz
●
Typical operating frequency: 120 kHz
●
Primary inductance: 520 µH ± 15% at 1 kHz - 0.25 V(a).
8.3
Electrical diagram and winding characteristics
Figure 30.
PFC coil electrical diagram
a.
Measured between pins #5 and #9.
Table 5.
PFC coil winding data
Pins
Windings
DC resistance
Number of turns
Wire type
11-3
AUX
125 m
Ω
5.5
φ 0.28 mm – G2
5-9
Primary
267 m
Ω
57.5
30X
φ 0.1 mm- G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com