Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 18Page - STMicroelectronics AN4026 Datasheet HTML 19Page - STMicroelectronics AN4026 Datasheet HTML 20Page - STMicroelectronics AN4026 Datasheet HTML 21Page - STMicroelectronics AN4026 Datasheet HTML 22Page - STMicroelectronics AN4026 Datasheet HTML 23Page - STMicroelectronics AN4026 Datasheet HTML 24Page - STMicroelectronics AN4026 Datasheet HTML 25Page - STMicroelectronics AN4026 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Functional check
AN4026
22/40
Doc ID 022603 Rev 1
lasting less than the set time do not cause any other action, therefore providing the system
with immunity to short duration phenomena. If, instead, overload condition keeps going, a
protection procedure is activated that shuts down the L6699 and, in the case of continuous
overload/short-circuit, results in continuous intermittent operation with a user defined duty
cycle. This function is realized with the pin DELAY (#2), by means of a capacitor C45 and
the parallel resistor R24 connected to ground. As the voltage on the ISEN pin exceeds 0.8 V,
the first OCP comparator, in addition to discharging CSS, turns on an internal 150 µA
current generator that, via the DELAY pin, charges C45. As the voltage on C45 is 3.5 V, the
L6699 stops switching and the PFC_STOP pin is pulled low. Also the internal generator is
turned off so that C45 is now slowly discharged by R24. The IC restarts when the voltage on
C45 is less than 0.3 V. Additionally, if the voltage on the ISEN pin reaches 1.5 V for any
reason (e.g. transformer saturation), the second comparator is triggered, the L6699 shuts
down and the operation is resumed once the voltage on C45 drops below 0.3 V.
In Figure 23 a dead short-circuit event has been captured. In this case the overcurrent
protection is triggered by the second comparator referenced at 1.5 V, it immediately stops
switching by the L6699 and discharging of the soft-start capacitor; at the same time the
capacitor connected to the DELAY pin (#2) begins charging up to 3.5 V (typ.). Once the
voltage on the DELAY pin reaches 3.5 V, the L6699 stops charging the delay capacitor
(C45), the L6699 operation is resumed once the DELAY pin (#2) voltage decays to 0.3 V
(typ.) by the parallel resistor (R24), via a soft-start cycle. If the short-circuit condition is
removed, the converter again starts operation, otherwise, if the short is still there, it results
in an intermittent operation (hiccup mode) with a narrow operating duty cycle of the
converter, in order to prevent the overheating of power components, as can be noted in
Figure 25.
In Figure 24 details of peak current at short-circuit occurring is captured. Note the ZVS
correct operation by the half bridge MOSFETs.
Figure 23.
Short-circuit at full load
Figure 24.
Short-circuit at full load - detail
CH1: HB voltage
CH3: CSS
CH2: LVG
CH4: DELAY
CH1: HB voltage
CH3: CSS
CH2: LVG
CH4: DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com