Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4026 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 16Page - STMicroelectronics AN4026 Datasheet HTML 17Page - STMicroelectronics AN4026 Datasheet HTML 18Page - STMicroelectronics AN4026 Datasheet HTML 19Page - STMicroelectronics AN4026 Datasheet HTML 20Page - STMicroelectronics AN4026 Datasheet HTML 21Page - STMicroelectronics AN4026 Datasheet HTML 22Page - STMicroelectronics AN4026 Datasheet HTML 23Page - STMicroelectronics AN4026 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Functional check
AN4026
20/40
Doc ID 022603 Rev 1
operating frequency of the half bridge, set by the resistor R34 in series to the optocoupler, is
103 kHz.
4.2
Startup
The waveforms relevant to the adapter startup at 90 Vac and full load have been captured in
Figure 19. The output voltage reaches the nominal value 600 ms after plug-in. The L6563H,
HV PFC controller, has an embedded high-voltage startup charging the VCC capacitor by a
constant current, ensuring a constant wake-up time. Comparing Figure 19 with Figure 20
relevant to a startup at 265 Vac and no load, the output voltage rises at the nominal level in
the same time. In both conditions the output voltage has no overshoot and the rise is
monotonic.
In Figure 21 the salient waveforms in the resonant tank during startup of the LLC are
reported. In Figure 22 the detail of waveforms at the beginning of operation shows that the
resonant circuit is working correctly in zero voltage switching operation from the initial
Figure 17.
Pout = 250 mW operation
Figure 18.
Pout = 250 mW operation - detail
CH1: HB voltage
CH3: STBY
CH2: LVG
CH4: V.out (AC coupl.)
CH1: HB voltage
CH3: STBY
CH2: LVG
CH4: res. tank current
Figure 19.
Startup at 90 Vac - full load
Figure 20.
Startup at 265 Vac - no load
CH1: HB voltage
CH3: +19 Vout
CH2: GD L6563H
CH4: VCC L6563H
CH1: HB voltage
CH3: +19 Vout
CH2: GD L6563H
CH4: VCC L6563H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com