Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 10Page - STMicroelectronics UM0239 Datasheet HTML 11Page - STMicroelectronics UM0239 Datasheet HTML 12Page - STMicroelectronics UM0239 Datasheet HTML 13Page - STMicroelectronics UM0239 Datasheet HTML 14Page - STMicroelectronics UM0239 Datasheet HTML 15Page - STMicroelectronics UM0239 Datasheet HTML 16Page - STMicroelectronics UM0239 Datasheet HTML 17Page - STMicroelectronics UM0239 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Getting started
UM0239
14/44
Figure 5.
Device selection and communication error during COM selection
Communication errors can occur at any time. The Device Selection message box appears if
an error occurs only during the first COM selection. To ensure reliable communications, a
link status LED is present on the Status Bar as shown in Figure 3.
Note:
1
If an incorrect device is selected, the user must close and restart the Program in order to
avoid undesired behavior.
4.2
Setting the Control Register parameters
To access to the ST7540 Control Register, click the REG button on the Toolbar. The main
window then displays the Control Register dialog box as shown in Figure 6.
Figure 6.
Control Register window
This dialog box enables the user to modify the Control Register parameters.
Certain parameters may only be modified
by enabling the Extended Control Register bit of
the Control Register. For more information about the Extended Control Register bit, see
Section 4.2.14: Extended control register on page 19.
COMMUNICATION ERROR
DEVICE SELECTION
ST7540 CONTROL REGISTER WINDOW
1. Control Register Params
Panel
2. WR Control Register String
3. Events Panel
4. Write CR Button
5. Read CR Button
6. Dual channel selection
1
4
5
2
3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com