Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 32Page - STMicroelectronics UM0239 Datasheet HTML 33Page - STMicroelectronics UM0239 Datasheet HTML 34Page - STMicroelectronics UM0239 Datasheet HTML 35Page - STMicroelectronics UM0239 Datasheet HTML 36Page - STMicroelectronics UM0239 Datasheet HTML 37Page - STMicroelectronics UM0239 Datasheet HTML 38Page - STMicroelectronics UM0239 Datasheet HTML 39Page - STMicroelectronics UM0239 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Communication session examples
UM0239
36/44
8
Communication session examples
This sections provides examples of some of the most common operations that can be
performed with two or more Demo Boards. The operations performed are:
●
Communication session without Frame Synchronization
●
Communication session with Software Frame Synchronization
●
Communication session with ST7540 Frame Synchronization
●
Ping session
8.1
Setup procedure
8.1.1
Required hardware
The following hardware is required for these example sessions:
●
Two
EVALCOMMBOARD rev. 1.1 + EVALST7540-1 rev. 2.1 (76 kHz)
●
One PC with two RS-232 ports
8.1.2
Hardware setup
The setup of the communication sessions is common for all tests.
1.
Connect the PLM Demo Boards to the
EVALCOMMBOARDs.
2.
Connect the boards to the two RS-232 PC ports through the serial cables to the PC.
3.
Link the PLM Boards to an isolated 110/220V~ Mains voltage.
4.
Finally, reset the two
EVALCOMMBOARDs by pressing the Reset button.
8.1.3
Software setup
To control two devices at the same time, the user must run two sessions of the program:
1.
Open Start, Programs, ST7538_40 FSK Power Line Modem Demo Kit and click
ST7538_40 FSK Power Line Modem Demo Kit.
2.
Then, select the correspondent COM available for every session (in this example
COM1 for the first board and COM3 for the second board); enabling the GUI to
communicate with each
EVAL Board.
Figure 21.
Communication setup: COM selection
COM port selection
STATUS BAR update
TOOLBAR enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com