Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 26Page - STMicroelectronics UM0239 Datasheet HTML 27Page - STMicroelectronics UM0239 Datasheet HTML 28Page - STMicroelectronics UM0239 Datasheet HTML 29Page - STMicroelectronics UM0239 Datasheet HTML 30Page - STMicroelectronics UM0239 Datasheet HTML 31Page - STMicroelectronics UM0239 Datasheet HTML 32Page - STMicroelectronics UM0239 Datasheet HTML 33Page - STMicroelectronics UM0239 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Ping sessions
UM0239
30/44
7.1.2
Starting a Master Ping session
Click Ping Start to start the ping session. The MCU on
EVALCOMMBOARD continuously
transmits the current status of every message transmitted to the PC.
Click Ping Stop to end the ping session.
Click Close to close the Ping Master dialog box.
Medium access control settings
Medium access
control
Defines which type of medium access is used. Choices are “none”, “BU” or
“PD”. In the two last settings, packets are sent only if respectively BU or CD/PD
lines are not active. If “PD” is selected while “Carrier Detection” CR control is
used, content of Control Register is changed in order to select the detection
method to “Preamble detection”.
Max wait slot nr.
If BU or CD/PD lines are actives (depending on Medium Access Control
selected), the Master waits for a time selected randomly between 4ms and
4*Max Wait Slot Nr. ms before to analyze if it is possible to transmit a packet.
Max wait time
Defines the maximum time to wait when “BU” or “PD” Medium Access control
are selected before to transmit the packet. When the Max Wait Time is
elapsed, the packet is transmitted even if BU or CD/PD lines are actives.
Current message settings
Current message
status
Shows information about the acknowledgement of the current message sent.
Last Addressed Slave represents which Slave is the recipient of message.
LEDs show if a message is acknowledged properly (OK), not correctly
acknowledged (No Ack.), if the acknowledged message has errors corrected
by FEC (Master used FEC) or if the acknowledged message has errors not
corrected by FEC (Wrong FCS).
Statistical data display
Statistical data for
Slave
These data are available for each Slave. Enter the name of the Slave device in
Slave Description textbox.
– % OK messages: the total number of messages properly received plus those
corrected through FEC
– Corrected messages: the number of messages corrected through FEC
– KO messages: the total number of messages with wrong FCS plus the
number of message not acknowledged
– Wrong FCS messages: the number of messages with wrong FCS even after
correction
– Not ACK messages: the number of messages not acknowledged
Click Save Statistics to store collected data in a text file.
1.
Minimum Wait time values are: @600 bps
→300 ms, @1200 bps→150 ms, @2400 bps→75 ms, @4800
bps
→40 ms.
Table 24.
Ping master parameters (continued)
Parameter
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com