Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 34Page - STMicroelectronics UM0239 Datasheet HTML 35Page - STMicroelectronics UM0239 Datasheet HTML 36Page - STMicroelectronics UM0239 Datasheet HTML 37Page - STMicroelectronics UM0239 Datasheet HTML 38Page - STMicroelectronics UM0239 Datasheet HTML 39Page - STMicroelectronics UM0239 Datasheet HTML 40Page - STMicroelectronics UM0239 Datasheet HTML 41Page - STMicroelectronics UM0239 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Communication session examples
UM0239
38/44
3.
Add the text string “transmission without synchronization” in the ASCII textbox.
4.
Select Sequence Mode and set Nr. to “5”.
5.
Click ON.
Five messages are sent with a temporal distance of 200 milliseconds.
Figure 23.
Communication without Frame Synchronization example
In Figure 23 (COM3 section), the five transmitted sequences do not appear to be received
correctly. This behavior is due to fact that the ST7540 starts writing data on the RX line at
different time for every message, because in Synchronous Mode the PLL that provides the
CLR/T signal must reach the lock-in condition.
Lock-in condition can only be reached after an undetermined number of demodulated data
transitions (maximum 5) and during this time one or more bits can be lost. For this reason, if
a sequence of bits that starts like: "1010-1010-1010-1010-…." (0xAAAA… in hexadecimal)
is transmitted, the receiver can only demodulate with correct timings a part of this sequence.
For example, if the first "10101" is lost, the PC will receive the sequence "0101-0101-
010….." (or 0x55 in hexadecimal). So, even if all bits are correct, byte synchronization is
lost.
Figure 24 shows an example of timing diagram for a baud rate of 2400.
Figure 24.
Demodulation timings for RX with preamble detection (@2400 baud)
COM 1
COM 3
Synchronized message
COM 3
COM 1
Synchronized
Message
DATA DEMOD.
PLL LOCK-IN
CD/PD
RxD
INTERNAL
SIGNALS
EXTERNAL
SIGNALS
010101010
PLL lock-in (variable)
preamble detected
CD/PD detection time (1ms)
bit time (0.417ms)
10
RxD NOT ACTIVE
RxD ACTIVE
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com