Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 12Page - STMicroelectronics UM0239 Datasheet HTML 13Page - STMicroelectronics UM0239 Datasheet HTML 14Page - STMicroelectronics UM0239 Datasheet HTML 15Page - STMicroelectronics UM0239 Datasheet HTML 16Page - STMicroelectronics UM0239 Datasheet HTML 17Page - STMicroelectronics UM0239 Datasheet HTML 18Page - STMicroelectronics UM0239 Datasheet HTML 19Page - STMicroelectronics UM0239 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Getting started
UM0239
16/44
4.2.2
Baudrate
The Baudrate parameter (Bits [4:3]) defines the speed of communication.
4.2.3
Deviation
The Deviation parameter (Bit 5) defines the frequency difference between the mark and the
space frequency. When set to “0.5”, the difference is one-half the Baud Rate value.
Otherwise, the difference is the Baud Rate value itself.
4.2.4
Interfacing mode
The (Mains) Interfacing mode (Bit 14) defines, when transmitting or receiving data across
the Mains, if the timings are managed by ST7540 by means of CLR/T line (Synchronous
mode) or by the host (Asynchronous mode).
In Asynchronous mode, data enter directly in the FSK modulator in Transmission mode and
are sent directly from the demodulator to the RxD line in Reception mode.
In the current software/firmware release, only Synchronous interfacing mode is available.
Due to the fact that Asynchronous Mains interfacing mode is the ST7540 default value, the
user must write at least once to the CR (in Synchronous interface mode) before the GUI will
perform any other action (except CR reading).
Table 4.
Carrier frequency
Bits 2 to 0 (MSB to LSB)
Value (kHz)
Bits 2 to 0 (MSB to LSB)
Value (kHz)
000
60
100
82.05
001
66
101
86
010
72
110
110
011
76
111
132.5 (default)
Table 5.
Baudrate
Bits 4 to 3 (MSB to LSB)
Value (bps)
Bits 4 to 3 (MSB to LSB)
Value (bps)
00
10
2400 (default)
01
600
11
4800
Table 6.
Deviation
Bit 5
Value
0
“0.5“ (default)
1“1“
Table 7.
Mains interfacing mode
Bit 14
Value
0
Synchronous
1
Asynchronous
(default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com