Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 29Page - STMicroelectronics UM0239 Datasheet HTML 30Page - STMicroelectronics UM0239 Datasheet HTML 31Page - STMicroelectronics UM0239 Datasheet HTML 32Page - STMicroelectronics UM0239 Datasheet HTML 33Page - STMicroelectronics UM0239 Datasheet HTML 34Page - STMicroelectronics UM0239 Datasheet HTML 35Page - STMicroelectronics UM0239 Datasheet HTML 36Page - STMicroelectronics UM0239 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
UM0239
Ping sessions
33/44
When the user clicks PING START, the session begins and the Master sends a series of
packets to one or more Slave devices. All the packets contain the following information:
●
Preamble (0xAAAAAAAA): 4 bytes
●
Header (0x9B58 for Master packets and 0xE958 for Slave packets): 2 bytes
To improve reliability of communications, a FEC algorithm and one redundant byte is used
for each of the following bytes of information:
●
Receiver Address: 1 byte (+ 1 byte for FEC)
●
Transmitter Address: 1 byte (+ 1 byte for FEC)
●
Current Message number: 3 bytes (+ 3 bytes for FEC)
●
Repetition (0x00,0x01,0x02 if the same message has been transmitted once, two or
three times): 1 byte (+ 1 byte for FEC)
●
FCS field, obtained through a calculation of 12 previous bytes: 2 bytes (+ 2 byte for
FEC)
The Slave detects, through the Receiver Address field, if the packet is headed for it or not. If
the message is directed to it, a FCS operation is performed on 12 bytes following the
preamble and the header. The result of calculation is compared with FCS field transmitted
from Master. If the two values differ, an attempt of correction is executed (through FEC
correction code) and a new comparison is performed. If the two FCS fields match, the
message is considered OK from Slave and it is resent to the Master (inverting Master
Address with Slave Address and recalculating FEC and FCS bytes). Otherwise, the
message is considered KO and no response is performed.
An exception occurs when Master transmits the message zero (with Message Number field
0x000000). This message is used to reset the Slave, statistical data collected and no
response to Master is needed.
After a packet transmission, the Master waits (for a time defined in Wait Time in Master
Window) the response from Slave, and if a message headed for it is detected it performs the
same "correctness detection" operation above described in order to consider the message
OK or KO.
Repetition function
To improve the reliability of communications, it is possible to use the repetition function. In
this case, if a response is not detected by Master the packet is sent again for a maximum of
three times before it is definitively considered Not Acknowledged.
Medium access control
A Medium Access Control is also implemented (for both Master and Slave) in order to
prevent two or more devices from transmitting at the same time as described in Table 24 for
the Ping Master parameters and Table 25 for Ping Slave parameters.
Note:
For a low-level description of Ping protocol, please refer to “Power Line Modem Evaluation
FW”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com