Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 14Page - STMicroelectronics UM0239 Datasheet HTML 15Page - STMicroelectronics UM0239 Datasheet HTML 16Page - STMicroelectronics UM0239 Datasheet HTML 17Page - STMicroelectronics UM0239 Datasheet HTML 18Page - STMicroelectronics UM0239 Datasheet HTML 19Page - STMicroelectronics UM0239 Datasheet HTML 20Page - STMicroelectronics UM0239 Datasheet HTML 21Page - STMicroelectronics UM0239 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Getting started
UM0239
18/44
4.2.8
Frequency detection time
This parameter (Bits [10:9]) defines the time within which a carrier must be detected across
the Mains before signalling it on ST7540 CD/PD pin. If the Preamble Detection method is
selected, the CD/PD becomes active only if also a preamble is detected.
For more information, see Section 4.2.7: Detection method.
4.2.9
Output voltage freeze
The Output Voltage Freeze parameter (Bit 17) turns off the Voltage Control Loop once the
ALC remains in a steady condition for about 3 control loop periods and maintains a stable
condition until the end of transmission.
This function is available only if the Extended Control Register parameter (Bit 21) is
enabled.
4.2.10
Output clock
The Output Clock parameter (Bits [16:15]) sets the ST7540 MCLK line frequency as a sub-
multiple of the 16-MHz oscillator frequency or disables the output clock.
4.2.11
Header recognition
The Header Recognition parameter (Bit 18) enables the hardware recognition of one or
more headers (one 16-bit header or two 8-bit headers depending on the Header Length
parameter setting). Header recognition is signaled by the CD/PD line in different ways
depending on Frame Length Count (bit 19).
Note:
If synchronization software is used, this parameter must be disabled to ensure the correct
behavior of RX sessions.
This function is available only if the Extended Control Register parameter (Bit 21) is
enabled.
Table 11.
Frequency detection time
Bits [10:9]
Value (msec)
Bits [10:9]
Value (msec)
00
0.5
10
3
01
1 (default)
11
5
Table 12.
Output voltage freeze
Bit 17
Value
0Enabled
1
Disabled (default)
Table 13.
Output clock
Bits [16:15]
Value (MHz)
Bits [16:15]
Value (MHz)
00
16
10
4 (default)
01
8
11
Clock OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com