Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 28Page - STMicroelectronics UM0239 Datasheet HTML 29Page - STMicroelectronics UM0239 Datasheet HTML 30Page - STMicroelectronics UM0239 Datasheet HTML 31Page - STMicroelectronics UM0239 Datasheet HTML 32Page - STMicroelectronics UM0239 Datasheet HTML 33Page - STMicroelectronics UM0239 Datasheet HTML 34Page - STMicroelectronics UM0239 Datasheet HTML 35Page - STMicroelectronics UM0239 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Ping sessions
UM0239
32/44
7.2.2
Starting a Slave Ping session
Click Ping Start to start the ping session and enable the reception of data.
Click Ping Stop to end the ping session.
Click Close to close the Ping Slave dialog box.
7.3
Ping protocol
The Ping session consists of an exchange of packets between one Master device and one
or more Slave devices. Figure 18 shows the ping message exchange format.
Figure 18.
Ping message format
Statistical data display
The following statistical data are collected:
– OK messages: the total number of messages properly received plus those
corrected through FEC
– Corrected messages: the number of messages corrected through FEC
– RX more than once: the number of messages received more than once
– KO messages: the number of message not received
– Wrong FCS messages: the number of messages with incorrect FCS even
after correction
– Not RX messages: the number of message not received, calculated by
subtracting the number of total message received (both the correct and the
incorrect ones) from the number of last message received (Last Received
Message field)
Click Get Statistical Data to update statistical data. Click Save Statistics to
store collected data in a text file.
Table 25.
Ping slave parameters (continued)
Parameter
Description
1
ST7540 PING MESSAGE FORMAT
Field
TRANSMITTED MESSAGE
22 bytes (CODED)
Byte nr.
6
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Field
ORIGINAL MESSAGE
(NOT CODED)
FEC
FEC
FEC
FEC
FEC
FEC
FEC
FEC
preamble+header
FCS field
repetition
Message
number
transmitter
Address
receiver
Address
Byte nr.
1
1
3
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com