Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 27Page - STMicroelectronics UM0239 Datasheet HTML 28Page - STMicroelectronics UM0239 Datasheet HTML 29Page - STMicroelectronics UM0239 Datasheet HTML 30Page - STMicroelectronics UM0239 Datasheet HTML 31Page - STMicroelectronics UM0239 Datasheet HTML 32Page - STMicroelectronics UM0239 Datasheet HTML 33Page - STMicroelectronics UM0239 Datasheet HTML 34Page - STMicroelectronics UM0239 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
UM0239
Ping sessions
31/44
7.2
Opening a Ping Slave session
7.2.1
Ping Slave parameters
As shown in Figure 17, Table 25 following parameters can be selected for the Slave device
and the ping session.
Figure 17.
Ping slave window
Table 25.
Ping slave parameters
Parameter
Description
Slave address settings
Slave address
Defines the Address (from 1 to 255) of Slave device.
Medium access control settings
Medium Access
Control
Defines which type of medium access is used. Choices are “none”, “BU” or
“PD”. In the two last settings packets are sent only if respectively BU or CD/PD
lines are not active. If “PD” is selected while “Carrier Detection” CR control is
used, content of Control Register is changed in order to select the detection
method to “Preamble detection”.
Max Wait Slot Nr.
If BU or CD/PD lines are actives (depending on Medium Access Control
selected), the Slave waits for a time selected randomly between 4ms and
4*Max Wait Slot Nr. ms before to analyze if it is possible to transmit a packet.
Max Wait Time
Defines the maximum time to wait when “BU” or “PD” Medium Access control
are selected before to transmit the packet. When the Max Wait Time is
elapsed, the packet is transmitted even if BU or CD/PD lines are actives.
Last received message information
Last Received
Message
Shows the number of last message received. This field is updated only when
Get statistical Data button is pressed.
ST7540 PING SLAVE WINDOW
SLAVE
ADDRESS
MEDIUM ACCESS
CONTROL
SETTINGS
LAST RECEIVED
MESSAGE
INFORMATIONS
EXECUTE / STOP /
CLOSE BUTTONS
STATISTICAL
INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com