Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 15Page - STMicroelectronics UM0239 Datasheet HTML 16Page - STMicroelectronics UM0239 Datasheet HTML 17Page - STMicroelectronics UM0239 Datasheet HTML 18Page - STMicroelectronics UM0239 Datasheet HTML 19Page - STMicroelectronics UM0239 Datasheet HTML 20Page - STMicroelectronics UM0239 Datasheet HTML 21Page - STMicroelectronics UM0239 Datasheet HTML 22Page - STMicroelectronics UM0239 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
UM0239
Getting started
19/44
4.2.12
Frame length count
Frame Length Count parameter (Bit 19) is related to the Header Recognition function.
If enabled, receiving data are put on RxD line and CLR/T becomes active only after a
header recognition and only for the number of (16-bit) data words indicated by the Frame
Length parameter (Bits [47:40]).
Header Recognition is signaled to the host through the CD/PD line that is held low during
RxD and CLR/T activation.
If the Frame Length Count parameter is disabled, the header recognition is signaled by
forcing down the CD/PD line for one CLR/T line period while lines RxD and CLR/T are
always active.
This function is available only if the Extended Control Register parameter (Bit 21) is
enabled.
4.2.13
Header length
The Header Length parameter (Bit 20) is related to Header Recognition function and defines
the length of the header to recognize (8 or 16 bits).
If an 8-bit header is selected, two headers can be used since the Frame Header parameter
(Bits [39:24]) consists of 16 bits.
This function is available only if the Extended Control Register parameter (Bit 21) is
enabled.
4.2.14
Extended control register
The Extended Control Register parameter (Bit 21) enables the extended functions: Output
Voltage Freeze and Header Recognition. If enabled, 24 or 48 bits can be transmitted to the
ST7540 (the software always transmits 48 bits when enabled).
Table 14.
Header recognition
Bit 17
Value
0
Disabled (default)
1Enabled
Table 15.
Frame Length Count
Bit 19
Value
0
Disabled (default)
1Enabled
Table 16.
Header Length
Bit 20
Value
08 bits
1
16 bits (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com