Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 36Page - STMicroelectronics UM0239 Datasheet HTML 37Page - STMicroelectronics UM0239 Datasheet HTML 38Page - STMicroelectronics UM0239 Datasheet HTML 39Page - STMicroelectronics UM0239 Datasheet HTML 40Page - STMicroelectronics UM0239 Datasheet HTML 41Page - STMicroelectronics UM0239 Datasheet HTML 42Page - STMicroelectronics UM0239 Datasheet HTML 43Page - STMicroelectronics UM0239 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Communication session examples
UM0239
40/44
8.4
Communication session with Hardware Frame
Synchronization
In this example, the board connected to COM1 is used as the Transmitter while the board
connected to COM3 is the Receiver. Five messages are transmitted across the Mains and
the receiving method is synchronized by ST7540 through the Header Recognition function
of the Control Register. This enables incoming data from the ST7540 to arrive already
synchronized to
EVALCOMMBOARD and are directly sent to the PC.
Actions to perform on GUI connected with COM3:
1.
Click REG on toolbar to open the Control Register parameter dialog box.
–Enable Extended Register.
–Enable Header Recognition.
–Enable Frame Length Count.
–Set Header Length Control to "16 bits".
–Set Frame Header Control to "9B58" (hexadecimal value).
–Set Frame Length Control to "14" (hexadecimal value equal to twenty 16-bit
words or 40 bytes).
–
Click Write CTRL Register.
2.
Click Rx on toolbar to open the Rx Monitor dialog box.
–Set Frame Sync to OFF.
–Set Force Sens. to BU Level to OFF.
–
Click ON.
Actions to perform on GUI connected with COM1:
1.
Click Tx on toolbar to open the Tx Monitor dialog box.
2.
Write the preamble "AAAAAAAA" in the hexadecimal textbox.
3.
Add the header "9B58" in the hexadecimal textbox.
4.
Add the text string "transmission with ST7540 synchronization" (length = 40 bytes) in
the ASCII textbox.
5.
Select Sequence Mode and set Nr. to “5”.
6.
Click ON.
Five messages are transmitted.
Using the Hardware Frame Synchronization feature, the user ensures that the transmitted
bytes always arrive synchronized to the PC as shown in Figure 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com