Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 33Page - STMicroelectronics UM0239 Datasheet HTML 34Page - STMicroelectronics UM0239 Datasheet HTML 35Page - STMicroelectronics UM0239 Datasheet HTML 36Page - STMicroelectronics UM0239 Datasheet HTML 37Page - STMicroelectronics UM0239 Datasheet HTML 38Page - STMicroelectronics UM0239 Datasheet HTML 39Page - STMicroelectronics UM0239 Datasheet HTML 40Page - STMicroelectronics UM0239 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
UM0239
Communication session examples
37/44
Note:
After selecting COM port, the Status Bar is updated showing information about the selected
COM port, SW/FW revisions and the Link status.
Before starting a Communication session, the user must perform a Write Control Register
for the two windows.
3.
Click REG on the toolbar to open the Control Register dialog box.
4.
Ensure that the Dual Channel feature is disabled.
5.
Because only few bits change for the sessions in respect to the default Control Register
parameters, click Read CTRL Register and then Update CTRL Panel.
6.
Set the Carrier Frequency to 72 kHz and the Detection Method to Preamble to
ensure that the incoming data are received only when a preamble is detected across
the Mains.
Now, the two Control Register dialog boxes should appear as shown in Figure 22.
Figure 22.
Control Register dialog boxes after setup
Once the Control Registers are correctly configured, communication can begin between the
boards.
8.2
Communication session without Frame Synchronization
In this example, the board connected to COM1 is used as the Transmitter while the board
connected to COM3 is used as the Receiver. Five messages are transmitted across the
Mains and the receiving method is not synchronized, so incoming data from ST7540 are
sent directly to the PC.
Actions to perform on GUI connected with COM3:
1.
Click Rx on toolbar to open the Rx Monitor dialog box.
2.
Set FRAME SYNC to OFF.
3.
Click ON.
Now the receiving board is waiting incoming data. (It activates itself only when a preamble is
detected across the Mains).
Actions to perform on GUI connected with COM1:
1.
Click Tx on toolbar to open the Tx Monitor dialog box.
2.
Write the preamble "AAAAAAAA" in the hexadecimal textbox.
COM 1
COM 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com