Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 17Page - STMicroelectronics UM0239 Datasheet HTML 18Page - STMicroelectronics UM0239 Datasheet HTML 19Page - STMicroelectronics UM0239 Datasheet HTML 20Page - STMicroelectronics UM0239 Datasheet HTML 21Page - STMicroelectronics UM0239 Datasheet HTML 22Page - STMicroelectronics UM0239 Datasheet HTML 23Page - STMicroelectronics UM0239 Datasheet HTML 24Page - STMicroelectronics UM0239 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
UM0239
Getting started
21/44
4.2.19
Limitations on Control Register parameters
Certain parameters are limited during programming because either their functions are not
supported by the tool (software limitations) or because they depend on other Control
Register parameters (hardware limitations). Table 22 lists these limitations.
4.3
Selecting the Dual Channel option
Certain ST7540 PLM Demo Boards(a) have the ability to select the central frequency of
external coupling filter between two operating frequencies.
In order to activate this function, the user must select the DUAL CH. check box in the Dual
Channel selection pane, set the correct frequencies for each of the two channels. When
Dual Channel function is enabled, a command of channel selection is transmitted each time
the user pushes the Write Control Register button.
When the Dual Channel feature is enabled, the Control Register is programmed according
to the selected Dual Channel frequency.
Table 21.
Frame length
Bits [47:40]
Value
MSB--LSB
From 0x00 to 0xFF
Default
0x80
Table 22.
Limitations on control register parameters
Parameter
Limitation
Interface mode
SW limitation: Only Synchronous Mains interface mode is supported by SW
tool
Output Voltage Freeze HW limitation: Available only if Extended Control Register Bit is enabled
Header Recognition
HW limitation: Available only if Extended Control Register Bit is enabled
Frame Length Count HW limitation: Available only if Extended Control Register Bit is enabled
Header Length
HW limitation: Available only if Extended Control Register Bit is enabled
Frame Header
HW limitation: Available only if Extended Control Register Bit is enabled
Frame Length
HW limitation: Available only if Extended Control Register Bit is enabled
a.
PLM Eval Boards that support the Dual Channel feature have the suffix "DUAL" (i.e. "EVALST7540DUAL Rev.
x.x")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com