Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 23Page - STMicroelectronics UM0239 Datasheet HTML 24Page - STMicroelectronics UM0239 Datasheet HTML 25Page - STMicroelectronics UM0239 Datasheet HTML 26Page - STMicroelectronics UM0239 Datasheet HTML 27Page - STMicroelectronics UM0239 Datasheet HTML 28Page - STMicroelectronics UM0239 Datasheet HTML 29Page - STMicroelectronics UM0239 Datasheet HTML 30Page - STMicroelectronics UM0239 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
UM0239
Receive sessions
27/44
level (about 83.5 dBµVrms) by selecting the Force Sens. to BU Level parameter. When
enabled, the TxD line is forced to "1"; thus obtaining a lower sensitivity.
Note:
If synchronization software is used, Control Register Header Recognition (Bit 18) must be
set to "0" in order to have a proper behavior of the RX session. For more information, see
Section 4.2.11: Header recognition on page 18.
Receiving data
On
EVALCOMMBOARD, the green DL3 LED is turned on in Receive mode.
Two reception methods are available: Reception with synchronization or Reception without
synchronization depending on the Frame Sync parameter setting.
Click ON to start receiving data. Click Close to stop data reception.
Saving data
In order to save data received from the Mains in a text file (in either hexadecimal or ASCII
format), click Save to File before clicking ON to start receiving incoming data. The
maximum file size allowed is 64 KBytes. To stop saving data, click Stop Saving.
Click Close to close the Receive Monitor dialog box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com