Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 25Page - STMicroelectronics UM0239 Datasheet HTML 26Page - STMicroelectronics UM0239 Datasheet HTML 27Page - STMicroelectronics UM0239 Datasheet HTML 28Page - STMicroelectronics UM0239 Datasheet HTML 29Page - STMicroelectronics UM0239 Datasheet HTML 30Page - STMicroelectronics UM0239 Datasheet HTML 31Page - STMicroelectronics UM0239 Datasheet HTML 32Page - STMicroelectronics UM0239 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
UM0239
Ping sessions
29/44
7.1
Opening a Ping Master session
7.1.1
Ping Master parameters
As shown in Figure 16, Table 24 following parameters can be selected for the Master device
and the ping session.
Figure 16.
Ping Master dialog box
Table 24.
Ping master parameters
Parameter
Description
Message settings
Master address
Defines the Address (from 1 to 255) of the Master device.
Nr. of slave
addresses
Defines the Number (from 1 to 255) of Slave devices. Slave Addresses start
from 1 to Nr. of Slave Addresses.
Nr. of messages
Defines the total number of messages to send to Slave devices. The messages
are numbered from 0 to Nr. of Messages. (Message “0” is used only to reset
Slave statistical data).
Repetition control
Repetition can be used to improve reliability of communication. When enable, if
a message is not Acknowledged it is sent until three times before to consider it
not Acknowledged.
Ping Wait Time and Message Number settings
Wait time
Defines the maximum wait time to obtain a valid response (with a valid
address) from Slave device before considering not Acknowledged the
message. The minimum value that can be selected depends on baud rate
selected according the round trip time of message transmitted.(1)
Messages sent
Defines the number of last message sent. It goes from 0 to Nr. of Messages
and it is updated at every new message sent.
ST7540 PING MASTER WINDOW
MESSAGE
SETTINGS
MEDIUM ACCESS
CONTROL
SETTINGS
CURRENT
MESSAGE
INFORMATIONS
EXECUTE/STOP
BUTTONS
STATISTICAL
INFORMATION
PING WAIT
TIME & MSG
NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com