Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 20Page - STMicroelectronics UM0239 Datasheet HTML 21Page - STMicroelectronics UM0239 Datasheet HTML 22Page - STMicroelectronics UM0239 Datasheet HTML 23Page - STMicroelectronics UM0239 Datasheet HTML 24Page - STMicroelectronics UM0239 Datasheet HTML 25Page - STMicroelectronics UM0239 Datasheet HTML 26Page - STMicroelectronics UM0239 Datasheet HTML 27Page - STMicroelectronics UM0239 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Getting started
UM0239
24/44
4.6
Reading/Writing Control Register parameters
Figure 11 summarizes the Control Register reading/writing procedures with the PLM Demo
Board.
Figure 11.
Control register writing/reading procedures
On the Control Register window, click Write CTRL Register to transmit the 24- or 48-bit
Control Register string to the ST7540 PLM Demo Board.
Click Read CTRL Register to read the contents of the Control Register string. This displays
the Read Control Register dialog box shown in Figure 12.
Figure 12.
Read CTRL Register dialog box
If no communication issues occur, the Read Control Register string (which is similar to the
Write Control Register string) displays the content of the ST7540 Control Register. Note that
24 or 48 bits are read, depending on parameters Extended Control Register (Bit 21) and
Header Recognition (Bit 18).
Click the Read button in the Read Control Register dialog box to perform a new reading of
Control Register string values. Click the Update Ctrl Panel button to update the Control
Register parameter values with the 24/48 bits that are read. Click Close to close the Read
Control Register dialog box.
ST7540 CR WRITING/READING PROCEDURES
WRITING
READING
Extended register Enable?
(CR Bit 21 equal to 1)?
no
yes
Write 24 bits
no extended
functions
available
Write 48 bits
extended
functions
available
Last 24 bits are significant
(not all “0” or all “1”)
?
no
yes
Get only
first 24 bits
Get all 48
bits
Read always 48 bits from ST7540
ST7540 READ CR WINDOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com