Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 36Page - STMicroelectronics UM0239 Datasheet HTML 37Page - STMicroelectronics UM0239 Datasheet HTML 38Page - STMicroelectronics UM0239 Datasheet HTML 39Page - STMicroelectronics UM0239 Datasheet HTML 40Page - STMicroelectronics UM0239 Datasheet HTML 41Page - STMicroelectronics UM0239 Datasheet HTML 42Page - STMicroelectronics UM0239 Datasheet HTML 43Page - STMicroelectronics UM0239 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
UM0239
Communication session examples
41/44
Figure 26.
Communication with Hardware Frame Synchronization
8.5
Ping session
In this example, the board connected to COM1 is the Master while the board connected to
COM3 is the Slave. 100 messages are exchanged from Master to Slave and statistical data
(as for Master as for Slave) are saved in two text files.
Actions to perform on GUI connected with COM3:
1.
Click PING on toolbar to open the Ping dialog box.
2.
Select Slave and click OK.
3.
Set Slave Address to "1".
4.
Write "Ping session nr. 1" in Slave Description field.
5.
Set Medium Access Control to "PD", Max Wait Slot Nr. to "10" and Max Wait Time
[ms] to "1000".
6.
Click Ping Start.
Actions to perform on GUI connected with COM1:
1.
Click PING on toolbar to open the Ping dialog box.
2.
Select Master and click OK.
3.
Set Master Address and Nr. of Slave Addresses to "1".
4.
Set Nr. of Messages to "100" and Repetition Control to "3".
5.
Set Wait Time [ms] to "255".
6.
Set Medium Access Control to "PD", Max Wait Slot Nr. to "10" and Max Wait Time
[ms] to "1000"
7.
Click Ping Start to start the ping session.
Saving statistics
When all messages are transmitted, on the Ping Master dialog box click Save Statistics
and selecting the path and the name of the text file (in this case "Ping session nr. 1
(Master).txt").
COM 1
COM 3
FRAME Header (0x9B58)
SW sync. OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com