Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 35Page - STMicroelectronics UM0239 Datasheet HTML 36Page - STMicroelectronics UM0239 Datasheet HTML 37Page - STMicroelectronics UM0239 Datasheet HTML 38Page - STMicroelectronics UM0239 Datasheet HTML 39Page - STMicroelectronics UM0239 Datasheet HTML 40Page - STMicroelectronics UM0239 Datasheet HTML 41Page - STMicroelectronics UM0239 Datasheet HTML 42Page - STMicroelectronics UM0239 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
UM0239
Communication session examples
39/44
8.3
Communication session with Frame Synchronization
In this example, the board connected to COM1 is the Transmitter while the board connected
to COM3 is the Receiver.
Five messages are transmitted across the Mains and the receiving method includes Frame
Synchronization, so incoming data from ST7540 are supervised by the microcontroller on
EVALCOMMBOARD and only the bits that follow the sequence "0x9B58" ("1001-1011-
0101-1000") are sent to the PC.
Actions to perform on GUI connected with COM3:
1.
Click Rx on toolbar to open the Rx Monitor dialog box.
2.
Set FRAME SYNC to ON.
3.
Write "9B58" in Header textbox and "FFFF" in Mask textbox.
4.
Set Data Bytes to "36"
5.
Click ON.
Actions to perform on GUI connected with COM1:
1.
Click Tx on toolbar to open the Tx Monitor dialog box.
2.
Write the preamble "AAAAAAAA" in the hexadecimal textbox.
3.
Add the header "9B58" in the hexadecimal textbox.
4.
Add the text string "transmission with SW synchronization" (length = 36 bytes) in the
ASCII textbox.
5.
Select Sequence Mode and set Nr. to “5”.
6.
Click ON.
Five messages are transmitted.
Using the Frame Synchronization feature, the user ensures that the transmitted bytes
always arrive synchronized to the PC as shown in Figure 25.
Figure 25.
Communication with Frame Synchronization example
COM 1
COM 3
FRAME Header (0x9B58)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com