Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 13Page - STMicroelectronics UM0239 Datasheet HTML 14Page - STMicroelectronics UM0239 Datasheet HTML 15Page - STMicroelectronics UM0239 Datasheet HTML 16Page - STMicroelectronics UM0239 Datasheet HTML 17Page - STMicroelectronics UM0239 Datasheet HTML 18Page - STMicroelectronics UM0239 Datasheet HTML 19Page - STMicroelectronics UM0239 Datasheet HTML 20Page - STMicroelectronics UM0239 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
UM0239
Getting started
17/44
4.2.5
Watchdog
The Watchdog parameter (Bit 6) enables the Watchdog function that generates an internal
and external reset when the internal Watchdog timer expires. The Watchdog timer is reset
by applying a negative pulse on pin WD.
Note:
The ST7 MCU Firmware (on
EVALCOMMBOARD) automatically provides the Watchdog
Timer Reset.
4.2.6
Transmission timeout
The Transmission Timeout parameter (Bits [8:7]) defines the maximum time of continuous
transmission before a Timeout event occurs. In this case, the transmission is interrupted and
the device is set in RX mode.
4.2.7
Detection method
The Detection method (Bits [13:12]) defines the way the modem notifies the presence of a
carrier (CD) or preamble (PD) through the ST7540 CD/PD pin. If the Carrier detection
method is selected, the CD/PD line becomes active when a signal with a harmonic
component close to the programmed Carrier Frequency is detected on the RAI pin. If the
Preamble detection method is selected, the CD/PD line becomes active when a signal with
a carrier modulated at the programmed Baud Rate for at least 4 consecutive symbols
("1010" or "0101") is detected on the RAI pin. If the Detection method is conditioned CLR/T
and RxD signals are enable only when CD/PD line is enable, otherwise CLR/T and RxD are
always enabled.
Table 8.
Watchdog
Bit 6
Value (sec)
0
Disabled
1
1.5 (default)
Table 9.
Transmission timeout
Bits [8:7]
Value (sec)
Bits [8:7]
Value (sec)
00
Disabled
10
3
01
1 (default)
11
Not used
Table 10.
Detection method
Bits [13:12]
Value
Bits [13:12]
Value
00
Preamble detection without
conditioning
10
Carrier detection without
conditioning (default)
01
Preamble detection with
conditioning
11
Carrier detection with conditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com