Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0239 Datasheet(PDF) 34 Page - STMicroelectronics

Part # UM0239
Description  ST7540 Power Line Modem Demokit
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0239 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UM0239 Datasheet HTML 30Page - STMicroelectronics UM0239 Datasheet HTML 31Page - STMicroelectronics UM0239 Datasheet HTML 32Page - STMicroelectronics UM0239 Datasheet HTML 33Page - STMicroelectronics UM0239 Datasheet HTML 34Page - STMicroelectronics UM0239 Datasheet HTML 35Page - STMicroelectronics UM0239 Datasheet HTML 36Page - STMicroelectronics UM0239 Datasheet HTML 37Page - STMicroelectronics UM0239 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Ping sessions
UM0239
34/44
7.4
Ping session flowcharts
Figure 19 and Figure 20 describe the Master and the Slave loops, respectively, while a ping
session is in progress.
Figure 19.
Ping master loop
Ping Start
Transmit
MSG (0)
MAC enable ?
NO
YES
SLAVE ADD = 1
MSG_NUM= 0
Slave Add. <
Slave No.?
Slave add. ‡ 1
Ping Master settings:
•MASTER ADDRESS
•SLAVE NUM
•TOT MESSAGE NUM
•WAIT TIME
•MAC (MEDIUM ACCESS CONTROL)
•MAX WAIT SLOT NR.
•MAX WAIT TIME
•REPETITION
YES
NO
MSG_NUM ‡ 1
Ping Master current message output data:
•OK MESS.
•CORR. MESS.
•KO MESS.
•WRONG FCS MESS.
•NOT ACK MESS.
YES
NO
Calculate FCS
YES
OK MESS.
YES
Create MSG (0)
NO
NO
SLAVE ADD‡ 1
YES
Create MSG
(MSG_NUM)
NO
YES
NO
YES
CORR MESS.
NO
WRONG
FCS MESS.
YES
NO
MSG NOT ACK
YES
NO
NO
YES
NO
YES
YES
NO
YES
Ping Stop
NO
MAC equal to
PD and Control
Register set
to CD?
Set Control
Register to PD
Line busy
and Max Wait Time
not elapsed?
Wait RAND time
(from 1 to Max
Wait Slot No. * 4 ms)
MSG_NUM <
TOT MSG NUM?
Repetition
enabled and
< 3 messages
transmitted?
MAC enable ?
Transmit MSG
(MSG_NUM)
Message
Acknowledged
and Wait Time
not elapsed?
Master Address
correct ?
Repetition
enabled and
< 3 messages
transmitted?
FCS
calculated equal
to FCS
received?
Use FEC and
calculate a
new FCS
New FCS
equal to FCS
of corrected
message?
Line busy
and Max Wait Time
not elapsed?
Wait RAND time
(from 1 to Max
Wait Slot No. * 4 ms)
Slave Add. <
Slave No.?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com