Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 3Page - STMicroelectronics AN1376 Datasheet HTML 4Page - STMicroelectronics AN1376 Datasheet HTML 5Page - STMicroelectronics AN1376 Datasheet HTML 6Page - STMicroelectronics AN1376 Datasheet HTML 7Page - STMicroelectronics AN1376 Datasheet HTML 8Page - STMicroelectronics AN1376 Datasheet HTML 9Page - STMicroelectronics AN1376 Datasheet HTML 10Page - STMicroelectronics AN1376 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7/35
AN1376 APPLICATION NOTE
The efficiency of the converter is not very high but it is heavily affected by 5V the linear regu-
lator delivering 1.1 A. Delivering 1.6A on the 7V output but removing the 5V regulator the ef-
ficiency measured is 75.6% @220Vac and 76.9% at 115Vac.
■
Reduced Load - for Cable STB, without the LNB
The above tables shown the output voltage measured applying the same loads that we could
have in case of a different Set-top Box type is powered (e.g. a terrestrial or cable) without the
LNB block of the satellite antenna. Like before all the output voltages are within the toleranc-
es.
Vout [V} =
30.5
7.197
12.19
3.279
4.94
Vin [Vrms]=
220
Iout [A] =
0.015
0.5
0.702
2.073
1.103
Iin [Arms] =
0.31
Pout [W] =
0.458
3.599
8.557
6.797
5.449
Pin [W] =
35.1
VUNREG =
37.2
PoutTOT [W] = 24.860
VC11 =
12.04
EFF. = 70.82%
fS = 66÷68 kHz
ALL VOLTAGES ARE WITHIN TOLERANCE
Vout [V} =
31.4
7.18
12.11
3.359
4.965
Vin [Vrms]=
115
Iout [A] =
0
0.25
0.3
1.008
0.55
Iin [Arms] =
0.26
Pout [W] =
0.000
1.795
3.633
3.386
2.731
Pin [W] =
16.8
VUNREG =
35.5
PoutTOT [W] = 11.545
VC11 =
11.39
EFF. = 68.72%
fS = 83÷89 kHz
ALL VOLTAGES ARE WITHIN TOLERANCE
Vout [V} =
31.4
7.16
12.08
3.36
4.975
Vin [Vrms]=
220
Iout [A] =
0
0.25
0.3
1.008
0.55
Iin [Arms] =
0.17
Pout [W] =
0.000
1.790
3.624
3.387
2.736
Pin [W] =
17.6
VUNREG =
35.4
PoutTOT [W] = 11.537
VC11 =
11.5
EFF. = 65.55%
fS = 112 kHz
ALL VOLTAGES ARE WITHIN TOLERANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com