Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 16Page - STMicroelectronics AN1376 Datasheet HTML 17Page - STMicroelectronics AN1376 Datasheet HTML 18Page - STMicroelectronics AN1376 Datasheet HTML 19Page - STMicroelectronics AN1376 Datasheet HTML 20Page - STMicroelectronics AN1376 Datasheet HTML 21Page - STMicroelectronics AN1376 Datasheet HTML 22Page - STMicroelectronics AN1376 Datasheet HTML 23Page - STMicroelectronics AN1376 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
AN1376 APPLICATION NOTE
20/35
12 SHORT CIRCUIT PROTECTION @ LOW LOAD
After the full load tests some checks on the short circuit protection with reduced loads have
been done.
@Half Load
At Vin = 115Vac: shorting each output by the active load the over current protection works
correctly, providing for the hic-cup working mode, except for the 5V which is protected by the
current limiting of the linear regulator.
At Vin = 220Vac: the circuit behaves like at 115V.
@Reduced Load - 1
At Vin = 115Vac: shorting the 3.3V, 7V, 12V and 35V it provides for the hic-cup working mode
of the circuit.
At Vin = 220Vac: the behaviour is the same.
@Reduced Load - 2
Both at 115V and 220V the circuit is still protected against short circuits on all the outputs
13 SHORT CIRCUIT PROTECTION @ NO LOAD
Even in this abnormal condition, with the output connector unplugged, a short on the outputs
provides for the same results of the previous tests, both at 115Vac or at 220 Vac.
Figure 22. 3.3V OUTPUT: SHORT @NO LOAD
35V
12V
7V
5V
3.3V
15mA
0.25 A
0.35A
0.55A
1A
PoutTOT = 12.6W
35V
12V
7V
5V
3.3V
15mA
0.5 A
0A
0A
1A
PoutTOT = 9.5W
35V
12V
7V
5V
3.3V
15mA
0.4 A
0A
0A
0A
@115 VAC
@220 VAC
CH1:
DRAIN VOLTAGE
CH1:
DRAIN VOLTAGE
CH2:
VC11 (Vaux)
CH2:
VC11 (Vaux)
CH3:
3.3V OUTPUT
CH4:
3.3V OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com