Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 17Page - STMicroelectronics AN1376 Datasheet HTML 18Page - STMicroelectronics AN1376 Datasheet HTML 19Page - STMicroelectronics AN1376 Datasheet HTML 20Page - STMicroelectronics AN1376 Datasheet HTML 21Page - STMicroelectronics AN1376 Datasheet HTML 22Page - STMicroelectronics AN1376 Datasheet HTML 23Page - STMicroelectronics AN1376 Datasheet HTML 24Page - STMicroelectronics AN1376 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21/35
AN1376 APPLICATION NOTE
14 SHORT CIRCUIT OF THE OUTPUT RECTIFIERS
A frequent problem in a power supply is relevant to the protection of the SMPS itself: thus
sometimes it is easy to find circuits with a good protection capability against shorts of the load
but which are not able to survive in case of a very hard short like an output electrolytic capacitor
or a diode. Besides, in case of a rectifier shorted the equivalent circuit changes and the energy
is delivered even during the on time, like in forward mode.
To insure reliable operation of the design, even this fault condition has been simulated for each
rectifier. Thanks to the controller functionality, the SMPS can withstand this failure, working in
burst mode as visible in the pictures,
Figure 23. RECTIFIERS SHORT: @FULL LOAD - 220 VAC
In case of an output diode short, the current sensing voltage exceeds a second protection lev-
el, then the controller stops the operation, so avoiding the destruction of the components at
primary side. The controller remains in off-state until the voltage across the Vcc pin decreases
below the UVLO threshold. Then it try to restart and it will switch off again until the secondary
short is removed. This provides for the hic-cup working mode, preventing the circuit destruc-
tion. The operating frequency inside the burst is the internal timer one (~2.5 Khz).
7V
CH1:
DRAIN VOLTAGE
CH1:
DRAIN VOLTAGE
CH2:
VPIN4 - ISENSE
CH2:
VPIN4 - ISENSE
12V
35V
CH1:
DRAIN VOLTAGE
CH1:
DRAIN VOLTAGE
CH2:
VPIN4 - ISENSE
CH2:
VPIN4 - ISENSE
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com