Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 26Page - STMicroelectronics AN1376 Datasheet HTML 27Page - STMicroelectronics AN1376 Datasheet HTML 28Page - STMicroelectronics AN1376 Datasheet HTML 29Page - STMicroelectronics AN1376 Datasheet HTML 30Page - STMicroelectronics AN1376 Datasheet HTML 31Page - STMicroelectronics AN1376 Datasheet HTML 32Page - STMicroelectronics AN1376 Datasheet HTML 33Page - STMicroelectronics AN1376 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
AN1376 APPLICATION NOTE
30/35
Designator
Part Type
Description
Supplier
74
Q4
BC847B
SMALL SIGNAL BJT
STMICROELECTRONICS
75
R1
270K-1206
CHIP RESISTOR
BEYSCHLAG
76
R10
220R - 0805
CHIP RESISTOR
BEYSCHLAG
77
R11
4K7 - 0805
CHIP RESISTOR
BEYSCHLAG
78
R12
470K-1206
CHIP RESISTOR
BEYSCHLAG
79
R13
0805 - NOT MOUNTED
CHIP RESISTOR
BEYSCHLAG
80
R14
270K-1206
CHIP RESISTOR
BEYSCHLAG
81
R15
470K-1206
CHIP RESISTOR
BEYSCHLAG
82
R16
470R - 1/2W PTH
FUSE RESISTOR PTH
NEOHM
83
R17
1R0 - 2W PTH
POWER RESISTOR
NEOHM
84
R18
47R - 1/2W PTH
SFR RESISTOR PTH
BEYSCHLAG
85
R19
1K0 - 1/2W PTH
SFR RESISTOR PTH
BEYSCHLAG
86
R2
NTC_16R S236
NTC THERMISTOR
EPCOS
87
R20
10K - 1206
CHIP RESISTOR
BEYSCHLAG
88
R21
470R - 1206
CHIP RESISTOR
BEYSCHLAG
89
R22
0R0-0805
CHIP RESISTOR
BEYSCHLAG
90
R23
0805 - NOT MOUNTED
CHIP RESISTOR
BEYSCHLAG
91
R24
180R 1/2W PTH
SFR RESISTOR PTH
BEYSCHLAG
92
R25
1K8 - 0805
CHIP RESISTOR
BEYSCHLAG
93
R26
1K0 - 0805
CHIP RESISTOR
BEYSCHLAG
94
R27
120K - 0805
CHIP RESISTOR
BEYSCHLAG
95
R28
24K - 0805
CHIP RESISTOR
BEYSCHLAG
96
R3
33R-0805
CHIP RESISTOR
BEYSCHLAG
97
R4
100K - 0805
CHIP RESISTOR
BEYSCHLAG
98
R5
3K3 - 0805
CHIP RESISTOR
BEYSCHLAG
99
R6
0R47 - 1/2W PTH
SFR RESISTOR PTH
BEYSCHLAG
100
R7
2K7 - 0805
CHIP RESISTOR
BEYSCHLAG
101
R8
560R-0805
CHIP RESISTOR
BEYSCHLAG
102
R9
82R - 0805
CHIP RESISTOR
BEYSCHLAG
103
T1
2414.0011 rev. C1
TRANSFORMER
ELDOR CORPORATION
Table 1. PART LIST (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com