Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 25Page - STMicroelectronics AN1376 Datasheet HTML 26Page - STMicroelectronics AN1376 Datasheet HTML 27Page - STMicroelectronics AN1376 Datasheet HTML 28Page - STMicroelectronics AN1376 Datasheet HTML 29Page - STMicroelectronics AN1376 Datasheet HTML 30Page - STMicroelectronics AN1376 Datasheet HTML 31Page - STMicroelectronics AN1376 Datasheet HTML 32Page - STMicroelectronics AN1376 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
29/35
AN1376 APPLICATION NOTE
Designator
Part Type
Description
Supplier
31
C7
100uF-16V - YXF
ELCAP
RUBYCON
32
C8
2N2-4KV (Y1) 44LD22
CERCAP-SAFETY
CERA-MITE
33
C9
100N-275Vac - B81133
X CAP
EPCOS
34
D1
SMBYT01-400
RECTIFIER
STMICROELECTRONICS
35
D10
BZV55-C15
ZENER DIODE
PHILIPS SEMICOND.
36
D11
BZV55-C15
ZENER DIODE
PHILIPS SEMICOND.
37
D12
LL4148
GEN. PURPOSE DIODE
PHILIPS SEMICOND.
38
D2
2W08G-GS
BRIDGE RECTIFIER
GEN. SEMICOND.
39
D3
STTH1L06U
RECTIFIER
STMICROELECTRONICS
40
D4
LL4148
GEN. PURPOSE DIODE
PHILIPS SEMICOND.
41
D5
LL4148
GEN. PURPOSE DIODE
PHILIPS SEMICOND.
42
D6
STPS2H100U
RECTIFIER
STMICROELECTRONICS
43
D7
STPS10L60FP
RECTIFIER
STMICROELECTRONICS
44
D8
STPS10L60FP
RECTIFIER
STMICROELECTRONICS
45
D9
SMCJ130CA (GBI) - SMC
TRANSIL
STMICROELECTRONICS
46
D9A
1,5KE150A - NOT MOUNTED
TRANSIL
STMICROELECTRONICS
47
F1
FUSE 2A
WICKMANN
48
HS1
ABL LS220
HEAT SINK FOR Q1
ABL
49
HS2
ABL LS220
HEAT SINK FOR IC3
ABL
50
HS3
6073
HEAT SINK FOR D8
THERMALLOY
51
IC1
L6565 - DIP8
INTEGRATED CIRCUIT
STMICROELECTRONICS
52
IC2
TL431ACD
INTEGRATED CIRCUIT
STMICROELECTRONICS
53
IC3
LD1086V50
LIN. REGULATOR
STMICROELECTRONICS
54
JP1
FASTON 6mm
CONNECTOR
55
JP1A
FASTON 6mm
CONNECTOR
56
JP2
MKS1858-6-0-808
CONNECTOR - 8 POLES
STOCKO
57
L1
B82732-R2701-B30
2*39 mH - FILTER COIL
EPCOS
58
L2
10u ELC06D
INDUCTOR
PANASONIC
59
L3
10u ELC06D
INDUCTOR
PANASONIC
60
L4
2u7 ELC06D
INDUCTOR
PANASONIC
61
OPT1
SFH617A-4
OPTOCOUPLER
INFINEON
62
P1
0R0-1206
CHIP RESISTOR
BEYSCHLAG
63
P2
0R0-1206
CHIP RESISTOR
BEYSCHLAG
64
P3
0R0-1206
CHIP RESISTOR
BEYSCHLAG
65
P4
0R0-1206
CHIP RESISTOR
BEYSCHLAG
66
P5
JUMPER, WIRE
67
P6
0R0-1206
CHIP RESISTOR
BEYSCHLAG
68
P7
0R0-1206
CHIP RESISTOR
BEYSCHLAG
69
L5
NOT MOUNTED - SHORTED
JUMPER, WIRE
70
PCB
35u, SINGLE SIDE, FR4
71
Q1
STP4NK60ZFP
POWER MOSFET
STMICROELECTRONICS
72
Q2
BC856
SMALL SIGNAL BJT
ZETEX
73
Q3
BC847B
SMALL SIGNAL BJT
STMICROELECTRONICS
Table 1. PART LIST (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com