Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 24Page - STMicroelectronics AN1376 Datasheet HTML 25Page - STMicroelectronics AN1376 Datasheet HTML 26Page - STMicroelectronics AN1376 Datasheet HTML 27Page - STMicroelectronics AN1376 Datasheet HTML 28Page - STMicroelectronics AN1376 Datasheet HTML 29Page - STMicroelectronics AN1376 Datasheet HTML 30Page - STMicroelectronics AN1376 Datasheet HTML 31Page - STMicroelectronics AN1376 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
AN1376 APPLICATION NOTE
28/35
19 CONCLUSIONS
A SMPS for Set-Top Box has been completely designed, assembled and tested, giving posi-
tive results from all the different aspects (Component Stress, Functionalities, Protections, EMI,
thermal behaviour). The design meets also the low-cost requirement, a key driver in the Con-
sumer Electronic market.
20 REFERENCES
[1] "L6561-based Fly-back Converters" (AN1060)
[2] "L6565 Quasi-Resonant Controller " (AN1326)
[3] "How to handle Short Circuit Conditions with ST's Advanced PWM Controllers" (AN1215)
21 ANNEX 1
Table 1. PART LIST
Designator
Part Type
Description
Supplier
1
C1
2200uF-16V YXF
ELCAP
RUBYCON
2
C10
47uF-400V
ELCAP
SAMHWA
3
C11
22uF-25V YXF
ELCAP
RUBYCON
4
C12
1N0-1KV 30LVD10
CERCAP HV
CERA-MITE
5
C13
1N0-1KV 30LVD10
CERCAP HV
CERA-MITE
6
C14
330N - 1206
CHIP CAPACITOR
AVX
7
C15
0805 - NOT MOUNTED
CHIP CAPACITOR
AVX
8
C16
100N-275Vac - B81133
X CAP
EPCOS
9
C17
220PF-1KV HRR
CERCAP HV
MURATA
10
C18
22uF-50V YXF
ELCAP
RUBYCON
11
C19
2200uF-16V - YXF
ELCAP
RUBYCON
12
C2
2200uF-16V YXF
ELCAP
RUBYCON
13
C20
22uF-50V YXF
ELCAP
RUBYCON
14
C21
0805 - NOT MOUNTED
CHIP CAPACITOR
AVX
15
C22
220PF-0805
CHIP CAPACITOR
AVX
16
C23
1N0-0805
CHIP CAPACITOR
AVX
17
C24
100N-0805
CHIP CAPACITOR
AVX
18
C25
100N-0805
CHIP CAPACITOR
AVX
19
C26
100N-0805
CHIP CAPACITOR
AVX
20
C27
100N-0805
CHIP CAPACITOR
AVX
21
C28
100N-0805
CHIP CAPACITOR
AVX
22
C29
100N-0805
CHIP CAPACITOR
AVX
23
C3
2200uF-16V YXF
ELCAP
RUBYCON
24
C30
220PF-1KV HRR
CERCAP HV
MURATA
25
C31
220P - 0806
CHIP CAPACITOR
AVX
26
C32
2N2-0805
CHIP CAPACITOR
AVX
27
C33
100N-0805
CHIP CAPACITOR
AVX
28
C4
100uF-16V - YXF
ELCAP
RUBYCON
29
C5
100uF-16V - YXF
ELCAP
RUBYCON
30
C6
100uF-16V - YXF
ELCAP
RUBYCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com