Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 8Page - STMicroelectronics AN1376 Datasheet HTML 9Page - STMicroelectronics AN1376 Datasheet HTML 10Page - STMicroelectronics AN1376 Datasheet HTML 11Page - STMicroelectronics AN1376 Datasheet HTML 12Page - STMicroelectronics AN1376 Datasheet HTML 13Page - STMicroelectronics AN1376 Datasheet HTML 14Page - STMicroelectronics AN1376 Datasheet HTML 15Page - STMicroelectronics AN1376 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
AN1376 APPLICATION NOTE
12/35
7
DYNAMIC LOAD TESTS
Regulated Output
Figure 9.
The pictures show the output voltage regulation against a dynamic load variation of the feed
backed voltage, at the nominal input voltage values. As shown in the left pictures the response
after the connector is not very good from the peak point of view, even if the response is quite
fast. Making the same measure before the filter inductor (L4), at the feed back divider connec-
tion points, the response is much better (
≈2.2 %). This means that the filter inductor heavily
Load condition:
+5V, +7V, +12V, +30V:
FULL LOAD
+3,3V:
LOAD 50 %
÷100%, 70Hz
@115 VAC - 50Hz
@220 VAC - 50Hz
CH3:
+3V3 Vout at test points
CH1:
+30 Vout
CH4:
+3V3 Iout
CH2:
+12 Vout
R1:
+3V3 Vout before L4
CH3:
+7 Vout
CH4:
+3V3 Iout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com